Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8601T Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8601T
Description  RGB/YUV and fast blanking switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8601T Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8601T Datasheet HTML 2Page - NXP Semiconductors TDA8601T Datasheet HTML 3Page - NXP Semiconductors TDA8601T Datasheet HTML 4Page - NXP Semiconductors TDA8601T Datasheet HTML 5Page - NXP Semiconductors TDA8601T Datasheet HTML 6Page - NXP Semiconductors TDA8601T Datasheet HTML 7Page - NXP Semiconductors TDA8601T Datasheet HTML 8Page - NXP Semiconductors TDA8601T Datasheet HTML 9Page - NXP Semiconductors TDA8601T Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1996 Jun 27
6
Philips Semiconductors
Product specification
RGB/YUV and fast blanking switch
TDA8601
Note
1. For the DIP16 package, the thermal resistance is lower. The minimum value for the output load resistor is 270
Ω.
CHARACTERISTICS
The typical values are given for VP =8V; Tamb =25 °C. CL = 40 pF; no load resistor; measured in application circuit of
Fig.8 over full supply voltage and temperature range; unless otherwise specified.
Fast blanking output (pin 13)
CL
output load capacitor
−
40
100
pF
RL
output load resistor
note 1
1
−−
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
IP
supply current
no resistive load on the
outputs
−
33
40
mA
SVRR
supply voltage rejection ratio
fi = 40 Hz to 50 kHz; note 1
−−−36
dB
fi = 40 Hz; note 1
−−51
−36
dB
Video inputs (pins 1 to 3 and 4 to 6)
Ri
input resistance
for each type of clamp
10
−−
k
Ω
Ci(max)
maximum input capacitance
−
3
−
pF
Vclamp
input clamping voltage level
Ii = −50 mA; passive clamp
1.05
1.21
1.35
V
Ii = 50 mA; active clamp;
VIOCNTR = 3.9 V
2.05
2.42
2.70
V
Ii = −50 mA; active clamp;
VIOCNTR = 3.9 V
2.05
2.37
2.70
V
Isink
input sink current
Vi = 2 V; passive clamp
0.5
1.6
3
µA
I
clamp
maximum absolute input clamping
current
Vi =Vclamp + 0.5 V;
active clamp
200
−−µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com