Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8601T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA8601T
Description  RGB/YUV and fast blanking switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8601T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA8601T Datasheet HTML 3Page - NXP Semiconductors TDA8601T Datasheet HTML 4Page - NXP Semiconductors TDA8601T Datasheet HTML 5Page - NXP Semiconductors TDA8601T Datasheet HTML 6Page - NXP Semiconductors TDA8601T Datasheet HTML 7Page - NXP Semiconductors TDA8601T Datasheet HTML 8Page - NXP Semiconductors TDA8601T Datasheet HTML 9Page - NXP Semiconductors TDA8601T Datasheet HTML 10Page - NXP Semiconductors TDA8601T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1996 Jun 27
7
Philips Semiconductors
Product specification
RGB/YUV and fast blanking switch
TDA8601
Video outputs (pins 10 to 12)
Ro
output resistance
−−
50
Ω
RoZ
output resistance
3-state output
0.1
−−
M
Ω
CoZ(max)
maximum output capacitance
3-state output
−
3
−
pF
Gv
voltage gain
fi = 1 MHz
−0.5
0
+0.5
dB
B
bandwidth
at
±0.5 dB
5
−−
MHz
at
±1dB
10
−−
MHz
at
±3dB
22
40
−
MHz
α
ct
crosstalk attenuation between two
video channels
fi = 5 MHz; note 2
−60
−−
dB
fi = 10 MHz; note 2
−50
−−
dB
fi = 22 MHz; note 2
−40
−−
dB
αoff
isolation of the 3-state
configuration
fi = 5 MHz; note 2
−60
−−
dB
fi = 10 MHz; note 2
−50
−−
dB
fi = 22 MHz; note 2
−40
−−
dB
SR
slew rate
100
120
−
V/
µs
∆Gm
gain matching between two
different signals of the same
channel
fi = 5 MHz
−−
0.5
dB
Vo(bl)
output blanking level voltage
2.1
2.23
2.7
V
Vos(bl)
output blanking offset voltage
Vi(ch1) = 0.7 V (p-p) (white);
Vi(ch2) = 0 V (p-p) (black);
active clamp; note 3
−−
5mV
Vi(ch1) = 0.7 V (p-p) (white);
Vi(ch2) = 0 V (p-p) (black);
passive clamp; note 3
−−
15
mV
∆Vos(bl)
matching of output blanking offset
voltage
Vi(ch1) = 0.7 V (p-p) (white);
Vi(ch2) = 0 V (p-p) (black);
active clamp; note 3
−−
5mV
Vi(ch1) = 0.7 V (p-p) (white);
Vi(ch2) = 0 V (p-p) (black);
passive clamp; note 3
−−
5mV
Fast blanking inputs (pins 14 and 15)
Zi
input impedance
10
−−
k
Ω
Fast blanking output (pin 13)
VOH
HIGH level output voltage
2
2.35
3
V
VOL
LOW level output voltage
0
0.15
0.3
V
Zo
output impedance
−−
50
Ω
SEL input (pin 5)
Zi
input impedance
10
−−
k
Ω
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com