Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23017 Datasheet(PDF) 25 Page - Microchip Technology

Part # 23017
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23017 Datasheet(HTML) 25 Page - Microchip Technology

Back Button 23017 Datasheet HTML 21Page - Microchip Technology 23017 Datasheet HTML 22Page - Microchip Technology 23017 Datasheet HTML 23Page - Microchip Technology 23017 Datasheet HTML 24Page - Microchip Technology 23017 Datasheet HTML 25Page - Microchip Technology 23017 Datasheet HTML 26Page - Microchip Technology 23017 Datasheet HTML 27Page - Microchip Technology 23017 Datasheet HTML 28Page - Microchip Technology 23017 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 25
MCP23017/MCP23S17
1.7.5
INTERRUPT CONDITIONS
There are two possible configurations that cause
interrupts (configured via INTCON):
1.
Pins configured for interrupt-on-pin change
will cause an interrupt to occur if a pin changes
to the opposite state. The default state is reset
after an interrupt occurs and after clearing the
interrupt condition (i.e., after reading GPIO or
INTCAP). For example, an interrupt occurs by
an input changing from ‘1’ to ‘0’. The new initial
state for the pin is a logic 0 after the interrupt is
cleared.
2.
Pins configured for interrupt-on-change from
register value will cause an interrupt to occur if
the corresponding input pin differs from the
register bit. The interrupt condition will remain as
long as the condition exists, regardless if the
INTCAP or GPIO is read.
See Figure 1-6 and Figure 1-7 for more information on
interrupt operations.
FIGURE 1-6:
INTERRUPT-ON-PIN
CHANGE
FIGURE 1-7:
INTERRUPT-ON-CHANGE
FROM REGISTER
DEFAULT
GPx
INT
ACTIVE
ACTIVE
Port value
is captured
into INTCAP
Read GPIO
or INTCAP
Port value
is captured
into INTCAP
INT
Port value
is captured
into INTCAP
Read GPIU
or INTCAP
DEFVAL REGISTER
X
X
X
X
X
0
X
X
GP2
7
6
5
4
3
210
GP:
ACTIVE
ACTIVE
(INT clears only if interrupt
condition does not exist.)
Pin
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com