Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

23017 Datasheet(PDF) 19 Page - Microchip Technology

Part # 23017
Description  16-Bit I/O Expander with Serial Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

23017 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 23017 Datasheet HTML 15Page - Microchip Technology 23017 Datasheet HTML 16Page - Microchip Technology 23017 Datasheet HTML 17Page - Microchip Technology 23017 Datasheet HTML 18Page - Microchip Technology 23017 Datasheet HTML 19Page - Microchip Technology 23017 Datasheet HTML 20Page - Microchip Technology 23017 Datasheet HTML 21Page - Microchip Technology 23017 Datasheet HTML 22Page - Microchip Technology 23017 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
© 2007 Microchip Technology Inc.
DS21952B-page 19
MCP23017/MCP23S17
1.6.7
PULL-UP RESISTOR
CONFIGURATION REGISTER
The GPPU register controls the pull-up resistors for the
port pins. If a bit is set and the corresponding pin is
configured as an input, the corresponding port pin is
internally pulled up with a 100 k
Ω resistor.
REGISTER 1-7:
GPPU – GPIO PULL-UP RESISTOR REGISTER (ADDR 0x06)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PU7
PU6
PU5
PU4
PU3
PU2
PU1
PU0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
PU7:PU0: These bits control the weak pull-up resistors on each pin (when configured as an input)
<7:0>.
1 = Pull-up enabled.
0 = Pull-up disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com