Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73811 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73811
Description  Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73811 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73811 Datasheet HTML 1Page - Microchip Technology MCP73811 Datasheet HTML 2Page - Microchip Technology MCP73811 Datasheet HTML 3Page - Microchip Technology MCP73811 Datasheet HTML 4Page - Microchip Technology MCP73811 Datasheet HTML 5Page - Microchip Technology MCP73811 Datasheet HTML 6Page - Microchip Technology MCP73811 Datasheet HTML 7Page - Microchip Technology MCP73811 Datasheet HTML 8Page - Microchip Technology MCP73811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© 2007 Microchip Technology Inc.
DS22036A-page 1
MCP73811/2
Features
• Complete Linear Charge Management Controller
- Integrated Pass Transistor
- Integrated Current Sense
- Integrated Reverse Discharge Protection
• Constant Current / Constant Voltage Operation
with Thermal Regulation
• High Accuracy Preset Voltage Regulation: + 1%
• Voltage Regulation: 4.20V
• Selectable Charge Current:
- MCP73811: 85 mA / 450 mA
• Programmable Charge Current:
- MCP73812: 50 mA - 500 mA
• Minimum External Components Required:
- MCP73811: 2 Ceramic Capacitors
- MCP73812: 2 Ceramic Capacitors and
1 Resistor
• No Preconditioning
• No End-of-Charge Control
• No Undervoltage Lockout (UVLO)
• Automatic Power-Down when Input Power
Removed
• Active High Charge Enable
• Temperature Range:
- -40°C to +85°C
• Packaging:
- 5-Lead SOT-23
Applications
• Low-Cost Lithium-Ion/Lithium-Polymer Battery
Chargers
• Rechargeable Toys
• Electronic Cigarettes
• Bluetooth Headsets
• USB Chargers
Description
The MCP73811/2 devices are linear charge manage-
ment controllers that are designed for use in space
limited
and
cost
sensitive
applications.
The
MCP73811/2 provide specific charge algorithms for
single cell Li-Ion or Li-Polymer battery to achieve
optimal capacity in the shortest charging time possible.
Along with its small physical size, the low number of
external components required make the MCP73811/2
ideally suited for portable applications. For applications
charging from a USB port, the MCP73811 adheres to
all the specifications governing the USB power bus.
The MCP73811/2 employ a constant current/constant
voltage charge algorithm. The constant voltage regula-
tion is fixed at 4.20V, with a tight regulation tolerance of
1%. For the MCP73811, the constant current value is
selected as 85 mA (low power USB port) or 450 mA
(high power USB port) with a digital input signal on the
PROG input. For the MCP73812, the constant current
value is set with one external resistor. The
MCP73811/2 limit the charge current based on die
temperature during high power or high ambient
conditions. This thermal regulation optimizes the
charge cycle time while maintaining device reliability.
The MCP73811/2 are fully specified over the ambient
temperature
range
of
-40°C
to
+85°C.
The
MCP73811/2 are available in a 5-Lead, SOT-23
package.
Package Types
VDD
VBAT
5
5-Pin SOT-23
1
3
4
2
CE
PROG
VSS
Simple, Miniature Single-Cell, Fully Integrated
Li-Ion / Li-Polymer Charge Management Controllers


Similar Part No. - MCP73811

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP7381X MICROCHIP-MCP7381X Datasheet
330Kb / 22P
Low-Cost Li-Ion Battery Charger Evaluation Board User?셲 Guide
01/02/08
More results

Similar Description - MCP73811

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73861 MICROCHIP-MCP73861 Datasheet
402Kb / 26P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2004
MCP73861 MICROCHIP-MCP73861_05 Datasheet
462Kb / 28P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2005
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73861 MICROCHIP-MCP73861_08 Datasheet
624Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73861 MICROCHIP-MCP73861_11 Datasheet
500Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management
2011
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73861 MICROCHIP-MCP73861_13 Datasheet
872Kb / 34P
Advanced Single or Dual Cell, Fully Integrated Li-Ion/Li-Polymer Charge Management Controllers
11/29/12 2004-2013
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com