Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP73811 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP73811
Description  Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73811 Datasheet(HTML) 2 Page - Microchip Technology

  MCP73811 Datasheet HTML 1Page - Microchip Technology MCP73811 Datasheet HTML 2Page - Microchip Technology MCP73811 Datasheet HTML 3Page - Microchip Technology MCP73811 Datasheet HTML 4Page - Microchip Technology MCP73811 Datasheet HTML 5Page - Microchip Technology MCP73811 Datasheet HTML 6Page - Microchip Technology MCP73811 Datasheet HTML 7Page - Microchip Technology MCP73811 Datasheet HTML 8Page - Microchip Technology MCP73811 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
MCP73811/2
DS22036A-page 2
© 2007 Microchip Technology Inc.
Typical Applications
Functional Block Diagram
CE
VDD
VSS
PROG
VBAT
+
-
Single
Li-Ion
Cell
4
MCP73812
5
3
1
500 mA Li-Ion Battery Charger
2
2k
Ω
CE
VDD
VSS
PROG
VBAT
+
-
Single
Li-Ion
Cell
4
MCP73811
5
3
1
1µF
450 mA Li-Ion Battery Charger
2
VIN
1µF
1µF
VIN
1µF
+
-
Reference
Generator
VREF (1.21V)
VBAT
VDD
VBAT
G=0.001
VSS
Direction
Control
+
-
Direction
Control
6µA
+
-
CA
157.3 k
Ω
388.7 k
Ω
+
-
VA
CE
Charge
Enable
2.7 k
Ω
PROG
111 k
Ω
528.6 k
Ω
MCP73811
MCP73812
12 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com