Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1403-E/P Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1403-E/P
Description  4.5A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1403-E/P Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1403-E/P Datasheet HTML 7Page - Microchip Technology MCP1403-E/P Datasheet HTML 8Page - Microchip Technology MCP1403-E/P Datasheet HTML 9Page - Microchip Technology MCP1403-E/P Datasheet HTML 10Page - Microchip Technology MCP1403-E/P Datasheet HTML 11Page - Microchip Technology MCP1403-E/P Datasheet HTML 12Page - Microchip Technology MCP1403-E/P Datasheet HTML 13Page - Microchip Technology MCP1403-E/P Datasheet HTML 14Page - Microchip Technology MCP1403-E/P Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
© 2007 Microchip Technology Inc.
DS22022B-page 11
MCP1403/4/5
Placing a ground plane beneath the MCP1403/4/5 will
help as a radiated noise shield as well as providing
some heat sinking for power dissipated within the
device.
4.5
Power Dissipation
The total internal power dissipation in a MOSFET driver
is the summation of three separate power dissipation
elements.
4.5.1
CAPACITIVE LOAD DISSIPATION
The power dissipation caused by a capacitive load is a
direct function of frequency, total capacitive load, and
supply voltage. The power lost in the MOSFET driver
for a complete charging and discharging cycle of a
MOSFET is:
4.5.2
QUIESCENT POWER DISSIPATION
The power dissipation associated with the quiescent
current draw depends upon the state of the input pin.
The MCP1403/4/5 devices have a quiescent current
draw when both inputs are high of 1.0 mA (typ) and
0.15 mA (typ) when both inputs are low. The quiescent
power dissipation is:
4.5.3
OPERATING POWER DISSIPATION
The operating power dissipation occurs each time the
MOSFET driver output transitions because for a very
short period of time both MOSFETs in the output stage
are on simultaneously. This cross-conduction current
leads to a power dissipation describes as:
PT
PL PQ PCC
++
=
Where:
PT = Total power dissipation
PL = Load power dissipation
PQ = Quiescent power dissipation
PCC = Operating power dissipation
PL
fCT
×
VDD
2
×
=
Where:
f = Switching frequency
CT = Total load capacitance
VDD = MOSFET driver supply voltage
PQ
IQH DIQL
1 D
–
()
×
+
×
() V
DD
×
=
Where:
IQH = Quiescent current in the high state
D = Duty cycle
IQL = Quiescent current in the low state
VDD = MOSFET driver supply voltage
PCC
CC f
×
VDD
×
=
Where:
CC = Cross-conduction constant (A*sec)
f = Switching frequency
VDD = MOSFET driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com