Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP1403-E/P Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP1403-E/P
Description  4.5A Dual High-Speed Power MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1403-E/P Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP1403-E/P Datasheet HTML 8Page - Microchip Technology MCP1403-E/P Datasheet HTML 9Page - Microchip Technology MCP1403-E/P Datasheet HTML 10Page - Microchip Technology MCP1403-E/P Datasheet HTML 11Page - Microchip Technology MCP1403-E/P Datasheet HTML 12Page - Microchip Technology MCP1403-E/P Datasheet HTML 13Page - Microchip Technology MCP1403-E/P Datasheet HTML 14Page - Microchip Technology MCP1403-E/P Datasheet HTML 15Page - Microchip Technology MCP1403-E/P Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
MCP1403/4/5
DS22022B-page 12
© 2007 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information (Not to Scale)
XXXXXXXX
XXXXXNNN
YYWW
8-Lead PDIP (300 mil)
Example:
MCP1403
E/P^^256
0648
8-Lead SOIC (150 mil)
Example:
256
MCP1405E
8-Lead DFN
Example
:
XXXXXXX
XXXXXXX
XXYYWW
NNN
MCP1403
E/MF^^
0648
256
SN^^0648
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator ( )
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e
NNN
XXXXXXXX
XXXXYYWW
16-Lead SOIC (300 mil)
Example:
XXXXXXXXXXX
XXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
0648256
MCP1405
E/SO^^
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com