Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1270AMBVCTTR Datasheet(PDF) 14 Page - Microchip Technology

Part # TC1270AMBVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMBVCTTR Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC1270AMBVCTTR Datasheet HTML 10Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 11Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 12Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 13Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 14Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 15Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 16Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 17Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 14
© 2007 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PINOUT DESCRIPTION
Pin Number
Sym
Pin
Standard Function
TC1270A
(Push-Pull,
active low)
TC1270AN
(Open-Drain,
active low)
TC1271A
(Push-Pull,
active high)
Type
Buffer
/
Driver
51
5
1
VSS
—
Power
Ground
42
—
—
—RST
OPush-
Pull
Reset output (Push Pull), active low
H = VDD > VTRIP, Reset pin is inactive
(after Reset Timer Delay completes)
L = VDD < VTRIP, Reset pin is active
Goes active (Low) if one of these conditions
occurs:
1.
If VDD falls below the selected Reset
voltage threshold.
2.
If the MR pin is forced low.
3.
During power-up.
—
—4
—
—RST
O
Open-
Drain
Reset output (Open-Drain), active low
Float = VDD > VTRIP, Reset pin is inactive
(after Reset Timer Delay completes)
L = VDD < VTRIP, Reset pin is active
Goes active (Low) if one of these conditions
occurs:
1.
If VDD falls below the selected Reset
voltage threshold.
2.
If the MR pin is forced low.
3.
During power-up.
—
—
—4
2
RST
O
Push-
Pull
Reset output (Push Pull), active high
H = VDD < VTRIP, Reset pin is active
L = VDD > VTRIP, Reset pin is inactive
(after Reset Timer Delay completes)
Goes active (High) if one of these conditions
occurs:
1.
If VDD falls below the selected Reset
voltage threshold.
2.
If the MR pin is forced low.
3.
During power-up.
Note 1:
The MR pin has an internal weak pull-up (18.5 k
Ω typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com