Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1270AMBVCTTR Datasheet(PDF) 16 Page - Microchip Technology

Part # TC1270AMBVCTTR
Description  Voltage Supervisor with Manual Reset Input
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270AMBVCTTR Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC1270AMBVCTTR Datasheet HTML 12Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 13Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 14Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 15Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 16Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 17Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 18Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 19Page - Microchip Technology TC1270AMBVCTTR Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
TC1270A/70AN/71A
DS22035B-page 16
© 2007 Microchip Technology Inc.
3.1
Ground Terminal (VSS)
VSS provides the negative reference for the analog
input voltage. Typically, the circuit ground is used.
3.2
Supply Voltage (VDD)
VDD can be used for power supply monitoring or a
voltage level that requires monitoring.
3.3
Reset Output (RST and RST)
There are three types of Reset output pins. These are:
1.
Push-Pull active-low Reset
2.
Push-Pull active-high Reset
3.
Open-Drain active-low Reset, External pull-up
resistor required.
3.3.1
ACTIVE-LOW (RST) - PUSH-PULL
The RST push-pull output remains low while VDD is
below the reset voltage threshold (VTRIP). The time that
the RST pin is held low after the device voltage (VDD)
returns to a high level (> VTRIP) is typically 280 ms.
After the Reset delay timer expires, the RST pin will be
driven to the high state.
3.3.2
ACTIVE-HIGH (RST) - PUSH-PULL
The RST push-pull output remains high while VDD is
below the reset voltage threshold (VTRIP). The time that
the RST pin is held high after the device voltage (VDD)
returns to a high level (> VTRIP) is typically 280 ms.
After the Reset delay timer expires, the RST pin will be
driven to the low state.
3.3.3
ACTIVE-LOW (RST) - OPEN-DRAIN
The RST open-drain output remains low while VDD is
below the reset voltage threshold (VTRIP). The time that
the RST pin is held low after the device voltage (VDD)
returns to a high level (> VTRIP) depends on the Reset
Timeout selected. After the Reset Delay Timer expires,
the RST pin will float.
3.4
Manual Reset Input (MR)
The Manual Reset (MR) input pin allows a push button
switch to easily be connected to the system. When the
push button is depressed, it forces a system Reset.
This pin has circuitry that filters noise that may be
present on the MR signal.
The MR pin is active-low and has an internal pull-up
resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com