Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8707 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8707
Description  Triple RGB 6-bit video analog-to-digital interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8707 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8707 Datasheet HTML 4Page - NXP Semiconductors TDA8707 Datasheet HTML 5Page - NXP Semiconductors TDA8707 Datasheet HTML 6Page - NXP Semiconductors TDA8707 Datasheet HTML 7Page - NXP Semiconductors TDA8707 Datasheet HTML 8Page - NXP Semiconductors TDA8707 Datasheet HTML 9Page - NXP Semiconductors TDA8707 Datasheet HTML 10Page - NXP Semiconductors TDA8707 Datasheet HTML 11Page - NXP Semiconductors TDA8707 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1996 Feb 01
8
Philips Semiconductors
Product specification
Triple RGB 6-bit video analog-to-digital
interface
TDA8707
Notes to the characteristics
1. VDDA and VDDD should be supplied from the same power supply and decoupled separately.
2. The analog supply current is directly proportional to the series resistance between VDDA and CLREF.
3. CREFH and CREFL are connected respectively to the top and bottom reference ladders of the 3 analog-to-digital
converters.
4. VI(p-p) =(VREFL − VREFH)/buffer gain factor. See Table for gain factor selection. When clamping at code 0 is used,
active video signal amplitude VACT should be:
5. Measurement carried out using video analyser VM700A, where the video analog signal is reconstructed through a
digital-to-analog converter.
6. VI(p-p) = ∆REF with fi = 4.43 MHz.
7. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square-wave signal) in order to sample the signal and obtain correct output data.
8. Output data acquisition: output data is available after the maximum delay time of td.
Table 1
Typical output coding (VREFH =2V; VREFL = 0.5 V referenced to VSSA, SLT = logic 0; buffer ratio = 1.5;
Tamb =25°C)
Table 2
Mode selection
STEP
VI(p-p)
BINARY OUTPUT BITS
D5
D4
D3
D2
D1
D0
−
<0.333 =
000000
0
0.349
0
0
0
0
0
0
1
0.364
0
0
0
0
0
1
..
.
.
.
.
.
62
1.317
1
1
1
1
1
0
63
1.333
1
1
1
1
1
1
−
>1.333 =
111111
SLT
BUFFER RATIO
TYPICAL VI(p-p) FULL SCALE
0
1.5
1
2.0
V
ACT
V
REFH
V
REFL
–
()
buffer gain factor
-----------------------------------------------
=
V
REFL
1.5
----------------
V
REFH
1.5
-----------------
V
REFH
V
REFL
–
1.5
----------------------------------------
V
REFH
V
REFL
–
2.0
----------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com