Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8707 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8707
Description  Triple RGB 6-bit video analog-to-digital interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8707 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8707 Datasheet HTML 8Page - NXP Semiconductors TDA8707 Datasheet HTML 9Page - NXP Semiconductors TDA8707 Datasheet HTML 10Page - NXP Semiconductors TDA8707 Datasheet HTML 11Page - NXP Semiconductors TDA8707 Datasheet HTML 12Page - NXP Semiconductors TDA8707 Datasheet HTML 13Page - NXP Semiconductors TDA8707 Datasheet HTML 14Page - NXP Semiconductors TDA8707 Datasheet HTML 15Page - NXP Semiconductors TDA8707 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
1996 Feb 01
13
Philips Semiconductors
Product specification
Triple RGB 6-bit video analog-to-digital
interface
TDA8707
PACKAGE OUTLINE
UNIT
A1
A2
A3
bp
cE(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.25
0.05
1.85
1.65
0.25
0.40
0.20
0.25
0.14
10.1
9.9
0.8
1.3
12.9
12.3
0.85
0.75
1.2
0.8
10
0
o
o
0.15
0.1
0.15
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
0.95
0.55
SOT307-2
92-11-17
95-02-04
D(1)
(1)
(1)
10.1
9.9
HD
12.9
12.3
E
Z
1.2
0.8
D
e
E
B
11
c
E
H
D
ZD
A
Z E
e
v M A
X
1
44
34
33
23
22
12
y
θ
A1
A
L p
Q
detail X
L
(A )
3
A2
pin 1 index
D
H
v M B
bp
b p
w M
w M
0
2.5
5 mm
scale
QFP44: plastic quad flat package; 44 leads (lead length 1.3 mm); body 10 x 10 x 1.75 mm
SOT307-2
A
max.
2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com