Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8722 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8722
Description  I2C-bus programmable modulator for negative video modulation and FM sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8722 Datasheet HTML 4Page - NXP Semiconductors TDA8722 Datasheet HTML 5Page - NXP Semiconductors TDA8722 Datasheet HTML 6Page - NXP Semiconductors TDA8722 Datasheet HTML 7Page - NXP Semiconductors TDA8722 Datasheet HTML 8Page - NXP Semiconductors TDA8722 Datasheet HTML 9Page - NXP Semiconductors TDA8722 Datasheet HTML 10Page - NXP Semiconductors TDA8722 Datasheet HTML 11Page - NXP Semiconductors TDA8722 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1998 Jun 23
8
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
The bits T0 to T2 are available for test purposes and the possibilities are shown in Table 5.
Table 5
Test modes
Notes
1. In ‘TPSG on’ mode the video carrier is modulated by the test signal consisting of a synchronization pulse and two
vertical white bars on a black screen. This mode should be selected to adjust the TV set receiving the modulated
signal to the right frequency.
2. In ‘RF oscillator off’ mode, the RF oscillator and the RF mixer are switched-off and there is no RF carrier coming out
of the device. This mode can be selected to avoid RF radiation to other parts when the modulator output is not used.
3. In ‘balance test’, the video carrier is over modulated. This simplifies residual carrier measurements.
4. In ‘fref’ and ‘fDIV’ modes, the reference frequency fref in the phase comparator or the divided RF oscillator frequency
fDIV is available on the output Port pin. This mode requires that bit P0 = 0.
5. The ‘high-impedance test’ mode may be used to inject an external tuning voltage to the RF tank circuit, to test the
oscillator. In this mode, the phase detector is disabled and the external transistor of the tuning amplifier is
switched-off. The AMP output (pin 7) is LOW (<200 mV).
6. In the ‘phase detector disabled’ mode, it is possible to measure the leakage current at the input of the tuning amplifier,
on the CP pin. In this mode the RF oscillator is off, and the baseband TV channel signal is present on the RF outputs
for testing the audio and video parts.
T0
T1
T2
OPERATIONAL MODE
0
0
0
normal operation
0
0
1
Test Pattern Signal Generator (TPSG) on; note 1
0
1
0
RF oscillator off; note 2
0
1
1
balance test; note 3
100
fref out (if p0 = 0); note 4
1
0
1
high-impedance test; note 5
110
fDIV out (if p0 = 0); note 4
1
1
1
phase detector disabled; baseband signals on RF outputs; note 6
The possibilities of bit P0, which controls the output Port
(pin 14) are given in Table 6.
The Port is an NPN open-collector type. For monitoring the
fref or fDIV frequency on the output Port, the P0 bit must be
logic 0 to let the output Port free.
Table 6
Output Port programming
P0
OUTPUT PORT STATE
0
off; high impedance
1
on; sinking current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com