Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8722 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA8722
Description  I2C-bus programmable modulator for negative video modulation and FM sound
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8722 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA8722 Datasheet HTML 14Page - NXP Semiconductors TDA8722 Datasheet HTML 15Page - NXP Semiconductors TDA8722 Datasheet HTML 16Page - NXP Semiconductors TDA8722 Datasheet HTML 17Page - NXP Semiconductors TDA8722 Datasheet HTML 18Page - NXP Semiconductors TDA8722 Datasheet HTML 19Page - NXP Semiconductors TDA8722 Datasheet HTML 20Page - NXP Semiconductors TDA8722 Datasheet HTML 21Page - NXP Semiconductors TDA8722 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
1998 Jun 23
18
Philips Semiconductors
Product specification
I2C-bus programmable modulator for
negative video modulation and FM sound
TDA8722
Modulation depth
With 500 mV (peak-to-peak value) video input signal, the
wanted modulation depth must be set by the value of R17
(resistor between pin 17 and ground) as shown Fig.10. For
a good accuracy, it is recommended to use a 1% type
resistor.
It is also possible to use an adjustable resistor, see Fig.8.
Depending on the layout of the PCB, it may be necessary
to slightly change the value of R17 from the one given in
Fig.10 to get the wanted modulation depth.
Sound oscillator design
The frequency of the sound subcarrier is fixed by the tank
circuit connected between pins 2 and 3. This frequency
can be adjusted between 4.5 and 6.5 MHz covering all
existing standards in the world.
The damping resistor R3 between pins 2 and 3 is
necessary to decrease the quality factor of the tank circuit
allowing the frequency to be modulated by the audio
signal. The value of this resistor is calculated for several
Q factor ranges of the coil for a sound frequency of
5.5 MHz (see Table 7).
Fig.10 Typical modulation depth as a function of
the value of R17.
handbook, halfpage
100
80
70
60
10 3
MBE398
102
10
90
R17 (k
Ω)
modulation
depth
(%)
Table 7
Value of resistor for several Q factor ranges
The use of a coil with a quality factor <30 may result in a
non operating oscillator. For safety, it is recommended to
use a coil with a quality factor
≥50.
Picture-to-sound ratio
The picture-to-sound ratio can be adjusted in the
application by changing the value of C17 (capacitor
between pin 17 and ground); see Fig.11.
Figure 11 shows us that the picture-to-sound ratio will
change for a constant value of C17 when the sound
subcarrier frequency will change.
RF harmonics
This IC has been designed to have the lowest level of
unwanted RF harmonics at the frequencies where these
are the hardest to be filtered out, especially for the second
harmonic of the RF carrier at the lowest frequencies of the
UHF band.
The level of the second and third RF harmonic is shown in
Fig.12 for an asymmetrical application. This chart gives a
typical value while the level of these harmonics can vary
depending on the design of the application.
It is possible to reduce the level of the second harmonic by
using a wide band transformer at the output of the IC and
create a symmetrical application (see Fig.9).
To reduce the out-of-band harmonics and especially the
third one, it is necessary to use a low-pass filter at the
output of the IC.
COIL QUALITY
FACTOR
PROPOSED VALUE FOR R3
(k
Ω)
30 to 40
82 to 33
40 to 50
33 to 27
50 to 60
27 to 22
60 to 80
22 to 18
80 to >100
18 to 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com