Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712JRZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD712JRZ
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712JRZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD712JRZ Datasheet HTML 3Page - Analog Devices AD712JRZ Datasheet HTML 4Page - Analog Devices AD712JRZ Datasheet HTML 5Page - Analog Devices AD712JRZ Datasheet HTML 6Page - Analog Devices AD712JRZ Datasheet HTML 7Page - Analog Devices AD712JRZ Datasheet HTML 8Page - Analog Devices AD712JRZ Datasheet HTML 9Page - Analog Devices AD712JRZ Datasheet HTML 10Page - Analog Devices AD712JRZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD712
Rev. I | Page 7 of 20
COMMON MODE VOLTAGE (V)
100
75
0
50
25
–10
MAX J GRADE LIMIT
–5
0
5
10
VS = 15V
25°C
Figure 8. Input Bias Current vs. Common-Mode Voltage
AMBIENT TEMPERATURE (°C)
10
–60
12
14
16
18
20
22
24
26
–40
–20
0
20
40
60
80
100
120
140
+ OUTPUT CURRENT
– OUTPUT CURRENT
Figure 9. Short-Circuit Current Limit vs. Temperature
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
Figure 10. Unity-Gain Bandwidth vs. Temperature
–20
0
20
40
60
80
100
–20
0
20
40
60
80
100
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
10M
GAIN
PHASE
2kΩ
100pF
LOAD
Figure 11. Open-Loop Gain and Phase Margin vs. Frequency
125
120
115
110
105
100
95
SUPPLY VOLTAGE ± V
0
5
10
15
20
RL = 2kΩ
25°C
Figure 12. Open-Loop Gain vs. Supply Voltage
110
0
100
80
60
40
20
VS = ±15V SUPPLIES
WITH 1V p-p SINEWAVE 25°C
– SUPPLY
+ SUPPLY
SUPPLY MODULATION FREQUENCY (Hz)
10
100
1k
10k
100k
1M
Figure 13. Power Supply Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com