Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD712JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD712JRZ
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD712JRZ Datasheet HTML 1Page - Analog Devices AD712JRZ Datasheet HTML 2Page - Analog Devices AD712JRZ Datasheet HTML 3Page - Analog Devices AD712JRZ Datasheet HTML 4Page - Analog Devices AD712JRZ Datasheet HTML 5Page - Analog Devices AD712JRZ Datasheet HTML 6Page - Analog Devices AD712JRZ Datasheet HTML 7Page - Analog Devices AD712JRZ Datasheet HTML 8Page - Analog Devices AD712JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD712
Rev. I | Page 3 of 20
SPECIFICATIONS
VS = ±15 V at TA = 25°C, unless otherwise noted. Specifications in boldface are tested on all production units at final electrical test.
Results from those tests are used to calculate outgoing quality levels. All minimum and maximum specifications are guaranteed, although
only those shown in boldface are tested on all production units.
Table 1.
AD712J/AD712A/AD712S
AD712K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE1
Initial Offset
0.3
3/1/1
0.2
1.0
mV
TMIN to TMAX
4/2/2
2.0
mV
vs. Temperature
7
20/20/20
7
10
μV/°C
vs. Supply
76
95
80
100
dB
TMIN to TMAX
76/76/76
80
dB
Long-Term Offset Stability
15
15
µV/month
INPUT BIAS CURRENT2
VCM = 0 V
25
75
20
75
pA
VCM = 0 V at TMAX
0.6/1.6/26
1.7/4.8/77
0.5
1.7
nA
VCM = ±10 V
100
100
pA
INPUT OFFSET CURRENT
VCM = 0 V
10
25
5
25
pA
VCM = 0 V at TMAX
0.3/0.7/11
0.6/1.6/26
0.1
0.6
nA
MATCHING CHARACTERISTICS
Input Offset Voltage
3/1/1
1.0
mV
TMIN to TMAX
4/2/2
2.0
mV
Input Offset Voltage Drift
20/20/20
10
µV/°C
Input Bias Current
25
25
pA
Crosstalk
At f = 1 kHz
120
120
dB
At f = 100 kHz
90
90
dB
FREQUENCY RESPONSE
Small Signal Bandwidth
3.0
4.0
3.4
4.0
MHz
Full Power Response
200
200
kHz
Slew Rate
16
20
18
20
V/µs
Settling Time to 0.01%
1.0
1.2
1.0
1.2
µs
Total Harmonic Distortion
0.0003
0.0003
%
INPUT IMPEDANCE
Differential
3×1012||5.5
3×1012||5.5
Ω||pF
Common Mode
3×1012||5.5
3×1012||5.5
Ω||pF
INPUT VOLTAGE RANGE
Differential3
±20
±20
V
Common-Mode Voltage4
+14.5, −11.5
+14.5, −11.5
V
TMIN to TMAX
−VS + 4
+VS − 2
−VS + 4
+VS − 2
V
Common-Mode Rejection Ratio
VCM = ±10 V
76
88
80
88
dB
TMIN to TMAX
76/76/76
84
80
84
dB
VCM = ±11 V
70
84
76
84
dB
TMIN to TMAX
70/70/70
80
74
80
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com