Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8762AM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA8762AM
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762AM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA8762AM Datasheet HTML 2Page - NXP Semiconductors TDA8762AM Datasheet HTML 3Page - NXP Semiconductors TDA8762AM Datasheet HTML 4Page - NXP Semiconductors TDA8762AM Datasheet HTML 5Page - NXP Semiconductors TDA8762AM Datasheet HTML 6Page - NXP Semiconductors TDA8762AM Datasheet HTML 7Page - NXP Semiconductors TDA8762AM Datasheet HTML 8Page - NXP Semiconductors TDA8762AM Datasheet HTML 9Page - NXP Semiconductors TDA8762AM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1996 Mar 21
6
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762A
CHARACTERISTICS
VCCA =V3 to V4 and V5 = 4.75 to 5.25 V; VCCD =V11 to V12 = 4.75 to 5.25 V; VCCO =V13 and V28 to V14 and
V27 = 4.4 to 5.25 V; AGND and DGND shorted together; Tamb = 0 to +70 °C; typical values measured at
VCCA =VCCD =VCCO =5V; VI(p-p) = 2.0 V; CL = 15 pF and Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD
digital supply voltage
4.75
5.0
5.25
V
VCCO
output stages supply voltage
4.4
5.0
5.25
V
∆V
CC
voltage difference
VCCA − VCCD
−0.25
−
+0.25
V
VCCA − VCCO
−0.4
−
+0.4
V
VCCD − VCCO
−0.4
−
+0.4
V
ICCA
analog supply current
−
29
36
mA
ICCD
digital supply current
−
24
30
mA
ICCO
output stages supply current
CL = 15 pF; ramp input
−
23
30
mA
Inputs
CLOCK INPUT CLK (REFERENCED TO DGND); note 1
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
Vclk = 0.4 V
−10
+1
µA
IIH
HIGH level input current
Vclk = 2.7 V
−−
20
µA
ZI
input impedance
fclk = 80 MHz
−
2
−
k
Ω
CI
input capacitance
fclk = 80 MHz
−
2
−
pF
INPUTS OE AND TC (REFERENCED TO DGND); see Table 2
VIL
LOW level input voltage
0
−
0.8
V
VIH
HIGH level input voltage
2.0
−
VCCD
V
IIL
LOW level input current
VIL = 0.4 V
−400
−−
µA
IIH
HIGH level input current
VIH = 2.7 V
−−
20
µA
V
I (ANALOG INPUT VOLTAGE REFERENCED TO AGND)
IIL
LOW level input current
VI = 1.3 V
−
0
−µA
IIH
HIGH level input current
VI = 3.8 V
−
70
−µA
ZI
input impedance
fi = 4.43 MHz
−
5
−
k
Ω
CI
input capacitance
fi = 4.43 MHz
−
8
−
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com