Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8762AM Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8762AM
Description  10-bit high-speed low-power analog-to-digital converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8762AM Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8762AM Datasheet HTML 5Page - NXP Semiconductors TDA8762AM Datasheet HTML 6Page - NXP Semiconductors TDA8762AM Datasheet HTML 7Page - NXP Semiconductors TDA8762AM Datasheet HTML 8Page - NXP Semiconductors TDA8762AM Datasheet HTML 9Page - NXP Semiconductors TDA8762AM Datasheet HTML 10Page - NXP Semiconductors TDA8762AM Datasheet HTML 11Page - NXP Semiconductors TDA8762AM Datasheet HTML 12Page - NXP Semiconductors TDA8762AM Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
1996 Mar 21
9
Philips Semiconductors
Product specification
10-bit high-speed low-power
analog-to-digital converter
TDA8762A
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 0.5 ns.
2. Analog input voltages producing code 0 up to and including code 1023:
a) VosB (voltage offset BOTTOM) is the difference between the analog input which produces data equal to 00 and
the reference voltage BOTTOM (VRB) at Tamb =25 °C.
b) VosT (voltage offset TOP) is the difference between VRT (reference voltage TOP) and the analog input which
produces data outputs equal to code 1023 at Tamb =25 °C.
3. In order to ensure the optimum linearity performance of such converter architecture the lower and upper extremities
of the converter reference resistor ladder (corresponding to output codes 0 and 1023 respectively) are connected to
pins VRB and VRT via offset resistors ROB and ROT as shown in Fig.3.
a) The current flowing into the resistor ladder is IL =
and the full-scale input range at the converter,
to cover code 0 to code 1023, is .
b) Since RL, ROB and ROT have similar behaviour with respect to process and temperature variation, the ratio
will be kept reasonably constant from part to part. Consequently variation of the output codes
at a given input voltage depends mainly on the difference VRT − VRB and its variation with temperature and supply
voltage. When several ADCs are connected in parallel and fed with the same reference source, the matching
between each of them is then optimized.
4.
DIFFERENTIAL GAIN; note 9
Gdiff
differential gain
fclk = 80 MHz;
PAL modulated ramp
−
0.5
−
%
DIFFERENTIAL PHASE; note 9
ϕdiff
differential phase
fclk = 80 MHz;
PAL modulated ramp
−
0.5
−
deg
Timing (fclk = 80 MHz; CL = 15 pF); see Fig.4; note 10
tds
sampling delay time
−−
2ns
th
output hold time
5
−−
ns
td
output delay time
−
913
ns
CL
digital output load capacitance
−
15
20
pF
3-state output delay times; see Fig.5
tdZH
enable HIGH
−
45
50
ns
tdZL
enable LOW
−
25
35
ns
tdHZ
disable HIGH
−
12
15
ns
tdLZ
disable LOW
−
12
15
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
RT
V
RB
–
R
OB
R
L
R
OT
++
------------------------------------------
V
I
R
L
I
L
×
R
L
R
OB
R
L
R
OT
++
------------------------------------------
V
RT
V
RB
–
()
0.824
V
RT
V
RB
–
()
×
=
×
=
=
R
L
R
OB
R
L
R
OT
++
-----------------------------------------
GER
V
1023
V
0
–
() 2V
–
2V
------------------------------------------------
100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com