Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8764 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8764
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8764 Datasheet HTML 4Page - NXP Semiconductors TDA8764 Datasheet HTML 5Page - NXP Semiconductors TDA8764 Datasheet HTML 6Page - NXP Semiconductors TDA8764 Datasheet HTML 7Page - NXP Semiconductors TDA8764 Datasheet HTML 8Page - NXP Semiconductors TDA8764 Datasheet HTML 9Page - NXP Semiconductors TDA8764 Datasheet HTML 10Page - NXP Semiconductors TDA8764 Datasheet HTML 11Page - NXP Semiconductors TDA8764 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1999 Jan 12
8
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
CHARACTERISTICS
The characteristics given refer to the SSOP28 package. VCCA =V3 to V4 = 4.75 to 5.25 V;
VCCD =V11 to V12 and V28 to V27 = 4.75 to 5.25 V; VCCO =V13 to V14 = 2.7 to 3.6 V; AGND and DGND shorted
together; Tamb = 0 to 70 °C; typical values measured at VCCA =VCCD = 5 V and VCCO = 3.3 V; CL = 10 pF and
Tamb =25 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supplies
VCCA
analog supply voltage
4.75
5.0
5.25
V
VCCD1
digital supply voltage 1
4.75
5.0
5.25
V
VCCD2
digital supply voltage 2
4.75
5.0
5.25
V
VCCO
output stages supply voltage
2.7
3.3
3.6
V
∆V
CC
supply voltage difference
VCCA − VCCD
−0.20
−
+0.20
V
VCCA − VCCO
−0.20
−
+2.55
V
VCCD − VCCO
−0.20
−
+2.55
V
ICCA
analog supply current
TDA8764TS/4; TDA8764HL/4
−
25
tbf
mA
TDA8764TS/8; TDA8764HL/8
−
45
tbf
mA
ICCD
digital supply current
TDA8764TS/4; TDA8764HL/4
−
25
tbf
mA
TDA8764TS/8; TDA8764HL/8
−
30
tbf
mA
ICCO
output stages supply current
TDA8764TS/4; TDA8764HL/4
fclk = 40 MHz; ramp input
−
0
tbf
mA
TDA8764TS/8; TDA8764HL/8
fclk = 80 MHz; ramp input
−
0
tbf
mA
Inputs
CLOCK INPUT; CLK (REFERENCED TO DGND); note 1
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
2
−
VCCD
V
IIL
LOW-level input current
VCLK = 0.8 V
−10
+1
µA
IIH
HIGH-level input current
VCLK =2V
−
210
µA
Ci
input capacitance
−
2
−
pF
INPUTS OE, TC AND GRAY (REFERENCED TO DGND); see Tables 3 and 4
VIL
LOW-level input voltage
0
−
0.8
V
VIH
HIGH-level input voltage
2
−
VCCD
V
IIL
LOW-level input current
VIL = 0.8 V
−1
−−µA
IIH
HIGH-level input current
VIH =2V
−−
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com