Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8764 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8764
Description  10-bit high-speed low-power ADC with internal reference regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8764 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8764 Datasheet HTML 9Page - NXP Semiconductors TDA8764 Datasheet HTML 10Page - NXP Semiconductors TDA8764 Datasheet HTML 11Page - NXP Semiconductors TDA8764 Datasheet HTML 12Page - NXP Semiconductors TDA8764 Datasheet HTML 13Page - NXP Semiconductors TDA8764 Datasheet HTML 14Page - NXP Semiconductors TDA8764 Datasheet HTML 15Page - NXP Semiconductors TDA8764 Datasheet HTML 16Page - NXP Semiconductors TDA8764 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1999 Jan 12
13
Philips Semiconductors
Preliminary specification
10-bit high-speed low-power ADC with
internal reference regulator
TDA8764
Notes
1. In addition to a good layout of the digital and analog ground, it is recommended that the rise and fall times of the clock
must not be less than 0.5 ns.
2. The input admittance is
3. Analog input voltages producing code 0 up to and including code 1023:
a) Voffset(B) (offset voltage BOTTOM) is the difference between the analog input which produces data equal to 00
and the reference voltage BOTTOM (VRB) at Tamb =25 °C.
b) Voffset(T) (offset voltage TOP) is the difference between reference voltage TOP (VRT) and the analog input which
produces data outputs equal to code 1023 at Tamb =25 °C.
4. In order to ensure the optimum linearity performance of such converter architecture the lower and upper extremities
of the converter reference resistor ladder (corresponding to output codes 0 and 1023 respectively) are connected to
pins VRB and VRT via offset resistors ROB and ROT as shown in Fig.4.
a) The current flowing into the resistor ladder is
and the full-scale input range at the converter,
to cover code 0 to code 1023, is
b) Since RL, ROB and ROT have similar behaviour with respect to process and temperature variation, the ratio
will be kept reasonably constant from device to device. Consequently variation of the output
codes at a given input voltage depends mainly on the difference VRT − VRB and its variation with temperature and
supply voltage. When several ADCs are connected in parallel and fed with the same reference source, the
matching between each of them is then optimized.
5.
6. The analog bandwidth is defined as the maximum input sine wave frequency which can be applied to the device.
No glitches greater than 2 LSBs, nor any significant attenuation are observed in the reconstructed signal.
7. The analog input settling time is the minimum time required for the input signal to be stabilized after a sharp full-scale
input (square wave signal) in order to sample the signal and obtain correct output data.
8. Effective bits are obtained via a Fast Fourier Transform (FFT) treatment taking 8 K acquisition points per equivalent
fundamental period. The calculation takes into account all harmonics and noise up to half of the clock frequency
(NYQUIST frequency). Conversion to signal-to-noise ratio: SINAD = EB
× 6.02 + 1.76 dB.
9. Intermodulation measured relative to either tone with analog input frequencies of 5 and 5.1 MHz. The two input
signals have the same amplitude and the total amplitude of both signals provides full-scale to the converter.
10. Output data acquisition: the output data is available after the maximum delay time of td(max). For the 80 MHz version
it is recommended to have the lowest possible output load.
V
i
1
R
i
-----
Cijw
+


=
I
L
V
RT
V
RB
–
R
OB
R
L
R
OT
++
------------------------------------------
=
V
I
R
L
I
L
×
R
L
R
OB
R
L
R
OT
++
------------------------------------------
V
RT
V
RB
–
()
0.866
V
RT
V
RB
–
()
×
=
×
=
=
R
L
R
OB
R
L
R
OT
++
------------------------------------------
E
G
V
1023
V
0
–
() V
ip
p
–
()
–
V
ip
p
–
()
------------------------------------------------------------
100
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com