Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79574 Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM79574
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574 Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM79574 Datasheet HTML 3Page - Advanced Micro Devices AM79574 Datasheet HTML 4Page - Advanced Micro Devices AM79574 Datasheet HTML 5Page - Advanced Micro Devices AM79574 Datasheet HTML 6Page - Advanced Micro Devices AM79574 Datasheet HTML 7Page - Advanced Micro Devices AM79574 Datasheet HTML 8Page - Advanced Micro Devices AM79574 Datasheet HTML 9Page - Advanced Micro Devices AM79574 Datasheet HTML 10Page - Advanced Micro Devices AM79574 Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SLIC Products
7
ELECTRICAL CHARACTERISTICS (continued)
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Balance Return Signal (4- to 4-Wire, See Test Circuit B)
Gain accuracy
0 dBm, 1 kHz, 0
°C to +70°C
0 dBm, 1 kHz, –40
°C to +85°C
0 dBm, 1 kHz, 0
°C to +70°C
–1*
0 dBm, 1 kHz, –40
°C to +85°C –1
–0.15
–0.20
–0.1
–0.15
+0.15
+0.20
+0.1
+0.15
dB
—
4
—
4
Variation with frequency
300 Hz to 3.4 kHz
Relative to 1 kHz
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
—
4
Gain tracking
+7 dBm to –55 dBm
0
°C to +70°C
–40
°C to +85°C
–0.1
–0.15
+0.1
+0.15
—
4
Group delay
f = 1 kHz
5.3
µs
4
Total Harmonic Distortion (2- to 4-Wire or 4- to 2-Wire, See Test Circuits A and B)
Total harmonic distortion
0 dBm, 300 Hz to 3.4 kHz
+9 dBm, 300 Hz to 3.4 kHz
–64
–55
–50
–40
dB
Idle Channel Noise
C-message weighted noise
2-wire,
0
°C to +70°C
2-wire,
0
°C to +70°C
–1*
2-wire,
–40
°C to +85°C
+7
+7
+7
+15
+12
+15
dBrnc
—
—
4
4-wire,
0
°C to +70°C
4-wire,
0
°C to +70°C
–1*
4-wire,
–40
°C to +85°C
+7
+7
+7
+15
+12
+15
—
—
4
Psophometric weighted noise
2-wire,
0
°C to +70°C
2-wire,
0
°C to +70°C
–1*
2-wire,
–40
°C to +85°C
–83
–83
–83
–75
–78
–75
dBmp
7
—
4, 7
4-wire,
0
°C to +70°C
4-wire,
0
°C to +70°C
–1*
4-wire,
–40
°C to +85°C
–83
–83
–83
–75
–78
–75
7
—
4, 7
Single Frequency Out-of-Band Noise (See Test Circuit E)
Metallic
4 kHz to 9 kHz
9 kHz to 1 MHz
256 kHz and harmonics
–76
–76
–57
dBm
4, 5, 9
4, 5, 9
4, 5
Longitudinal
1 kHz to 15 kHz
Above 15 kHz
256 kHz and harmonics
–70
–85
–57
4, 5, 9
4, 5, 9
4, 5
Line Characteristics (See Figure 1) BAT = –48 V, RL = 600 Ω and 900 Ω, RFEED = 800 Ω
Apparent battery voltage
Active state
47
50
53
V
Loop current accuracy
Active state
–7.5
+7.5
%
Loop current—Tip Open
RL = 600 Ω
1.0
mA
Loop current—Open Circuit
RL = 0 Ω
1.0
Loop current limit accuracy
OHT state
Active state
–20
+20
%
10
Fault current limit, ILLIM
(IAX + IBX)
A and B shorted to GND
130
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com