Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM79574 Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79574
Description  Subscriber Line Interface Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79574 Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79574 Datasheet HTML 5Page - Advanced Micro Devices AM79574 Datasheet HTML 6Page - Advanced Micro Devices AM79574 Datasheet HTML 7Page - Advanced Micro Devices AM79574 Datasheet HTML 8Page - Advanced Micro Devices AM79574 Datasheet HTML 9Page - Advanced Micro Devices AM79574 Datasheet HTML 10Page - Advanced Micro Devices AM79574 Datasheet HTML 11Page - Advanced Micro Devices AM79574 Datasheet HTML 12Page - Advanced Micro Devices AM79574 Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
SLIC Products
9
ELECTRICAL CHARACTERISTICS (continued)
RELAY DRIVER SCHEMATICS
SWITCHING CHARACTERISTICS
Note:
E1 is internally connected to a logical 0.
Description
Test Conditions (See Note 1)
Min
Typ
Max
Unit
Note
Logic Output (DET)
Output Low voltage
IOUT = 0.8 mA
0.4
V
Output High voltage
IOUT = –0.1 mA
2.4
Relay Driver Outputs (RINGOUT, TESTOUT)
On voltage
50 mA source
BGND – 2 BGND –.95
V
Off leakage
0.5
100
µA
Clamp voltage
50 mA sink
QBAT –2
V
Symbol
Parameter
Test Conditions
Temperature
Range
Min
Typ
Max
Unit
Note
*tgkde
E1 Low to DET High (E0 = 1)
E1 Low to DET Low (E0 = 1)
Ground-Key Detect state
RL open, RG connected
(See Figure H)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
1.1
1.6
µs
4
tgkdd
E0 High to DET Low (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
tgkd0
E0 Low to DET High (E1 = 0)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
*tshde
E1 High to DET Low (E0 = 1)
E1 High to DET High (E0 = 1)
Switchhook Detect state
RL = 600 Ω, RG open
(See Figure G)
0
°C to +70°C
–40
°C to +85°C
0
°C to +70°C
–40
°C to +85°C
1.2
1.7
3.8
4.0
*tshdd
E0 High to DET Low (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
1.1
1.6
*tshd0
E0 Low to DET High (E1 = 1)
0
°C to +70°C
–40
°C to +85°C
3.8
4.0
RINGOUT
QBAT
BGND
TESTOUT
QBAT
BGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com