Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8765H/5 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8765H/5
Description  10-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8765H/5 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8765H/5 Datasheet HTML 5Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 6Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 7Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 8Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 9Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 10Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 11Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 12Page - NXP Semiconductors TDA8765H/5 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1999 Jan 06
9
Philips Semiconductors
Preliminary specification
10-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8765
HARMONICS (fCLK = 40 MHz)
Hfund(FS)
fundamental harmonics
(full scale)
fi = 4.43 MHz
−−
0dB
Htot(FS)
harmonics (full scale);
all components
fi = 4.43 MHz
second harmonic
−−75
−
dB
third harmonic
−−70
−
dB
THD
total harmonic distortion
fi = 4.43 MHz; note 4
−−66
−
dB
THERMAL NOISE
Nth(rms)
thermal noise (RMS value)
grounded input;
fCLK = 40 MHz
−
0.2
tbf
LSB
SPURIOUS FREE DYNAMIC RANGE
DRsf
spurious free dynamic range
fi = 4.43 MHz
tbf
71
−
dB
fi = 10 MHz
tbf
68
−
dB
fi = 20 MHz
tbf
67
−
dB
SIGNAL-TO-NOISE RATIO; note 5
S/N
signal-to-noise ratio
without harmonics;
fCLK = 40 MHz;
fi = 4.43 MHz
−
59
−
dB
EFFECTIVE NUMBER OF BITS; see Figs 3 and 4 and note 5
Nbit
effective number of bits
TDA8765H/4
(fCLK = 40 MHz)
fi = 4.43 MHz
9.0
9.6
−
bits
fi =10MHz
−
9.6
−
bits
fi =15MHz
−
9.5
−
bits
effective number of bits
TDA8765H/5
(fCLK = 55 MHz)
fi = 4.43 MHz
−
9.6
−
bits
fi =10MHz
−
9.4
−
bits
fi =15MHz
−
9.3
−
bits
fi =20MHz
−
9.1
−
bits
INTERMODULATION; note 6
TTIR
two-tone intermodulation
rejection
fCLK = 40 MHz
tbf
66
−
dB
d3
third-order intermodulation
distortion
fCLK = 40 MHz
tbf
67
−
dB
BIT ERROR RATE
BER
bit error rate
fCLK = 40 MHz;
fi = 4.43 MHz;
VI = ±16 LSB at code 511
−
10−15
tbf
times/
sample
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com