Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8767H/1 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8767H/1
Description  12-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8767H/1 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8767H/1 Datasheet HTML 6Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 7Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 8Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 9Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 10Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 11Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 12Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 13Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1999 Feb 16
10
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8767
Table 1
Output coding with differential inputs (typical values to AGND); VI(p-p) − VI(p-p) = 2.0 V; Vref =VCCA − 2V
Table 2
Output coding with single input (typical values to AGND); VFS = 2.0 V (p-p); Vref =VCCA − 2V
Table 3 Mode selection
Note
1. Where: X = don’t care.
Table 4 Sample-and-hold selection
CODE
VI
VI
IR
BINARY OUTPUTS
TWO’S COMPLEMENT
OUTPUTS
D11 to D0
D11 to D0
underflow
<2.0
>3.0
0
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
0
2.0
3.0
1
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
1
−−
1
0 0 0 0 0 0 0 0 0 0 01
1 0 0 0 0 0 0 0 0 0 0 1
↓−
−↓
↓
↓
2047
2.5
2.5
1
0 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1
↓−
−↓
↓
↓
4094
−−
1
1 1 1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1 1 0
4095
3.0
2.0
1
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
overflow
>3.0
<2.0
0
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
CODE
VI
IR
BINARY OUTPUTS
TWO’S COMPLEMENT
OUTPUTS
D11 to D0
D11 to D0
underflow
<1.5
0
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
0
1.5
1
0 0 0 0 0 0 0 0 0 0 0 0
1 0 0 0 0 0 0 0 0 0 0 0
1
−
1
0 0 0 0 0 0 0 0 0 0 01
1 0 0 0 0 0 0 0 0 0 0 1
↓−↓
↓
↓
2047
2.5
1
0 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 1
↓−↓
↓
↓
4094
−
1
1 1 1 1 1 1 1 1 1 1 1 0
0 1 1 1 1 1 1 1 1 1 1 0
4095
3.5
1
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
overflow
>3.5
0
1 1 1 1 1 1 1 1 1 1 1 1
0 1 1 1 1 1 1 1 1 1 1 1
TC
OE
D0 to D11 and IR
0
0
binary; active
1
0
two’s complement; active
X(1)
1
high impedance
SH
SAMPLE-AND-HOLD
1
active
0
inactive; tracking mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com