Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8767H/1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA8767H/1
Description  12-bit high-speed Analog-to-Digital Converter ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8767H/1 Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA8767H/1 Datasheet HTML 1Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 2Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 3Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 4Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 5Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 6Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 7Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 8Page - NXP Semiconductors TDA8767H/1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1999 Feb 16
3
Philips Semiconductors
Preliminary specification
12-bit high-speed Analog-to-Digital
Converter (ADC)
TDA8767
ORDERING INFORMATION
BLOCK DIAGRAM
TYPE
NUMBER
PACKAGE
SAMPLING
FREQUENCY (MHz)
NAME
DESCRIPTION
VERSION
TDA8767H/1
QFP44
plastic quad flat package; 44 leads
(lead length 1.3 mm); body 10
× 10 × 1.75 mm
SOT307-2
10
TDA8767H/2
20
TDA8767H/3
30
Fig.1 Block diagram.
handbook, full pagewidth
MBH142
D11
MSB
data outputs
19
21
D10
22
D9
23
D8
24
D7
25
D6
26
D5
27
D4
D3
28
29
42
43
39
VI
11
Vref
SH
VI
D2
30
D1
31
D0
LSB
32
VCCO
33
IR
34
20
18
CMOS
OUTPUTS
LATCHES
ANALOG-TO-DIGITAL
CONVERTER
CLOCK DRIVER
15
VCCD2
37
VCCD1
41
VCCA4
3
VCCA3
9
VCCA2
2
VCCA1
36
CLK
CMOS
OUTPUT
OGND
IN-RANGE
LATCH
OE
TC
AMP
sample-
and-hold
TDA8767
17
DGND2
38
DGND1
digital ground
40
AGND4
4
AGND3
10
AGND2
44
AGND1
analog ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com