Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC24H Datasheet(PDF) 55 Page - Microchip Technology

Part # DSPIC24H
Description  Flash Programming Specification
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC24H Datasheet(HTML) 55 Page - Microchip Technology

Back Button DSPIC24H Datasheet HTML 51Page - Microchip Technology DSPIC24H Datasheet HTML 52Page - Microchip Technology DSPIC24H Datasheet HTML 53Page - Microchip Technology DSPIC24H Datasheet HTML 54Page - Microchip Technology DSPIC24H Datasheet HTML 55Page - Microchip Technology DSPIC24H Datasheet HTML 56Page - Microchip Technology DSPIC24H Datasheet HTML 57Page - Microchip Technology DSPIC24H Datasheet HTML 58Page - Microchip Technology DSPIC24H Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70152D-page 55
dsPIC33F/PIC24H PROGRAMMING SPECIFICATION
5.0
DEVICE PROGRAMMING –
ICSP
ICSP mode is a special programming protocol that
allows you to read and write to dsPIC33F/PIC24H
device family memory. The ICSP mode is the most
direct method used to program the device; note, how-
ever, that Enhanced ICSP is faster. ICSP mode also
has the ability to read the contents of executive mem-
ory to determine if the programming executive is
present. This capability is accomplished by applying
control codes and instructions serially to the device
using pins PGC and PGD.
In ICSP mode, the system clock is taken from the PGC
pin, regardless of the device’s oscillator Configuration
bits. All instructions are shifted serially into an internal
buffer, then loaded into the instruction register and
executed. No program fetching occurs from internal
memory. Instructions are fed in 24 bits at a time. PGD
is used to shift data in, and PGC is used as both the
serial shift clock and the CPU execution clock.
5.1
Overview of the Programming
Process
Figure 5-1 shows the high-level overview of the
programming process. After entering ICSP mode, the
first action is to Bulk Erase the device. Next, the code
memory is programmed, followed by the device Con-
figuration registers. Code memory (including the
Configuration registers) is then verified to ensure that
programming was successful. Then, program the
code-protect Configuration bits, if required.
FIGURE 5-1:
HIGH-LEVEL ICSP™
PROGRAMMING FLOW
5.2
ICSP Operation
Upon entry into ICSP mode, the CPU is Idle. Execution
of the CPU is governed by an internal state machine. A
4-bit control code is clocked in using PGC and PGD and
this control code is used to command the CPU (see
Table 5-1).
The SIX control code is used to send instructions to the
CPU for execution and the REGOUT control code is
used to read data out of the device via the VISI register.
TABLE 5-1:
CPU CONTROL CODES IN
ICSP™ MODE
Note:
During ICSP operation, the operating
frequency of PGC must not exceed
5MHz.
4-Bit
Control Code
Mnemonic
Description
0000b
SIX
Shift in 24-bit instruction
and execute.
0001b
REGOUT
Shift out the VISI
register.
0010b-1111b
N/A
Reserved.
Start
Perform Bulk
Erase
Program Memory
Verify Program
Done
Enter ICSP™
Program Configuration Bits
Verify Configuration Bits
Exit ICSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com