Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-HT3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAS70-HT3
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS70-HT3 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAS70-HT3 Datasheet HTML 1Page - Vishay Siliconix BAS70-HT3 Datasheet HTML 2Page - Vishay Siliconix BAS70-HT3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VISHAY
BAS70-HT3 to BAS70-06-HT3
Document Number 85689
Rev. 3, 02-Jun-03
Vishay Semiconductors
www.vishay.com
1
1
2
3
BAS70-HT3
1
2
3
BAS70-05-HT3
Top View
1
2
3
BAS70-06-HT3
1
2
3
BAS70-04-HT3
Top View
17007
Pin 1
Top view
Schottky Diodes
Features
• These diodes feature very low turn-on voltage and
fast switching.
• These devices are protected by a PN junction
guard ring against excessive voltage, such as
electrostatic discharges.
• Space saving LiLiPut package
Mechanical Data
Case: LLP75-3B Plastic Package
Molding Compound Flammability Rating:
UL 94 V-0
Terminals: High temperature soldering guaranteed:
260 °C/10 sec. at terminals
Weight: 5 mg
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Thermal Characteristics
Tamb = 25 °C, unless otherwise specified
Part
Ordering code
Marking
Remarks
BAS70-HT3
BAS70-HT3-GS08
73
Tape and Reel
BAS70-04-HT3
BAS70-04-HT3-GS08
74
Tape and Reel
BAS70-05-HT3
BAS70-05-HT3-GS08
75
Tape and Reel
BAS70-06-HT3
BAS70-06-HT3-GS08
76
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
70
V
Forward continuous current
Tamb = 25 °C
IF
200
mA
Surge forward current
tp < 1 s, Tamb = 25 °C
IFSM
600
mA
Power dissipation
Tamb = 25 °C
Ptot
200
mW
Parameter
Test condition
Symbol
Value
Unit
Thermal resistance junction to
ambient air
RθJA
430
°C
Junction temperature
Tj
125
°C
Storage temperature range
TS
- 55 to +125
°C


Similar Part No. - BAS70-HT3

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
BAS70-HF COMCHIP-BAS70-HF Datasheet
488Kb / 4P
Small Signal Schottky Diodes
REV:A
More results

Similar Description - BAS70-HT3

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com