Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70-HT3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAS70-HT3
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS70-HT3 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAS70-HT3 Datasheet HTML 1Page - Vishay Siliconix BAS70-HT3 Datasheet HTML 2Page - Vishay Siliconix BAS70-HT3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 85689
Rev. 3, 02-Jun-03
VISHAY
BAS70-HT3 to BAS70-06-HT3
Vishay Semiconductors
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Package Dimensions in mm
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Reverse breakdown voltage
IR = 10 µA (pulsed)
V(BR)R
70
V
Leakage current
VR = 50 V, tp < 300 µs
IR
20
100
nA
Forward voltage
tp < 300 µs, IF = 1.0 mA
VF
410
mV
tp < 300 µs, IF = 15 mA
VF
1000
mV
Capacitance
VR = 0 V, f = 1 MHz
Ctot
1.5
2
pF
Reverse recovery time
IF = 10 mA, IR = 10 mA,
Irr = 1 mA, RL = 100 Ω
trr
5
ns
18057
ISO Method E



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com