Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8779 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA8779
Description  10-bit converter interface ADC/DAC for quadrature transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8779 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA8779 Datasheet HTML 4Page - NXP Semiconductors TDA8779 Datasheet HTML 5Page - NXP Semiconductors TDA8779 Datasheet HTML 6Page - NXP Semiconductors TDA8779 Datasheet HTML 7Page - NXP Semiconductors TDA8779 Datasheet HTML 8Page - NXP Semiconductors TDA8779 Datasheet HTML 9Page - NXP Semiconductors TDA8779 Datasheet HTML 10Page - NXP Semiconductors TDA8779 Datasheet HTML 11Page - NXP Semiconductors TDA8779 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1996 Sep 18
8
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
ANALOG SIGNAL PROCESSING
Linearity
INLA
integral non linearity
ramp input; fCLK =20MHz
−±2
−
LSB
DNLA
differential non linearity
full-scale; ramp input;
fCLK =20MHz
−±0.5
−
LSB
50% full-scale; ramp input;
fCLK =20MHz
−±0.3
−
LSB
Noise floor; note 2
NF
noise floor
fin = 5.1 MHz; 20 Msps
−−60
−
dB
Harmonics; note 3
THD
total harmonic distortion
fi = 5.1 MHz; 20 Msps
−−54
−
dB
Spurious free dynamic range
SFDR
spurious free dynamic range
fi = 5.1 MHz; 20 Msps
45
56
−
dB
Matching between the I and Q channels
∆V
amplitude matching
fin = 5.1 MHz;
fCLK = 20 MHz;
Tamb =25°C
−−
6%
∆ϕ
phase matching
fin = 5.1 MHz;
fCLK = 20 MHz;
Tamb =25°C
−−
2
Deg
Bandwidth
B
bandwidth maximum attenuation of
−0.3 dB
full-scale sine wave;
Tamb =25°C;
5.5
−−
MHz
50% full-scale sine wave;
Tamb =25°C;
tbf
−−
MHz
TIMING:(THE OUTPUT DATA IS AVAILABLE AFTER THE MAXIMUM DELAY TIME td); CL = 15 pF; see Fig.3
tds
sampling delay time
−−
5ns
th
output hold time
5
−−
ns
td
output delay time
VCCO = 4.75 V
−
12
15
ns
VCCO = 3.15 V
−
17
20
ns
VCCO = 2.7 V
−
21
24
ns
3-STATE OUTPUT DELAY TIMES; see Fig.4
tdZH
output delay enable HIGH
−
14
18
ns
tdZL
output delay enable LOW
−
16
20
ns
tdHZ
output delay disable HIGH
−
16
20
ns
tdLZ
output delay disable LOW
−
14
18
ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com