Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8779 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8779
Description  10-bit converter interface ADC/DAC for quadrature transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8779 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8779 Datasheet HTML 9Page - NXP Semiconductors TDA8779 Datasheet HTML 10Page - NXP Semiconductors TDA8779 Datasheet HTML 11Page - NXP Semiconductors TDA8779 Datasheet HTML 12Page - NXP Semiconductors TDA8779 Datasheet HTML 13Page - NXP Semiconductors TDA8779 Datasheet HTML 14Page - NXP Semiconductors TDA8779 Datasheet HTML 15Page - NXP Semiconductors TDA8779 Datasheet HTML 16Page - NXP Semiconductors TDA8779 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1996 Sep 18
13
Philips Semiconductors
Objective specification
10-bit converter interface (ADC/DAC) for
quadrature transceiver
TDA8779
Table 6
Test conditions for Fig.4
TEST
SWITCH S1
tdLZ
VCCD
tdZL
VCCD
tdHZ
DGND
tdZH
DGND
Fig.4 Timing diagram and test conditions of 3-state output delay time.
handbook, full pagewidth
output
data
output
data
OE
50%
50%
50%
10%
90%
LOW
TDA8779
LOW
HIGH
HIGH
tdZH
tdZL
tdHZ
VCCD
tdLZ
3.3 k
Ω
MGG077
S1
OE
VCCD
10 pF
tOE = 100 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com