Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE949PW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PW
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PW Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCE949PW Datasheet HTML 3Page - Texas Instruments CDCE949PW Datasheet HTML 4Page - Texas Instruments CDCE949PW Datasheet HTML 5Page - Texas Instruments CDCE949PW Datasheet HTML 6Page - Texas Instruments CDCE949PW Datasheet HTML 7Page - Texas Instruments CDCE949PW Datasheet HTML 8Page - Texas Instruments CDCE949PW Datasheet HTML 9Page - Texas Instruments CDCE949PW Datasheet HTML 10Page - Texas Instruments CDCE949PW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
www.ti.com
DEVICE CHARACTERISTICS (Continued)
PARAMETER MEASUREMENT INFORMATION
10pF
1kW
LVCMOS
CDCE949
CDCEL949
1kW
LVCMOS
LVCMOS
CDCE949
CDCEL949
Driver
Impedance
~50 W
LineImpedance
Zo=50 W
Series
Termination
(Optional)
CDCE949
CDCEL949
SCAS844 – JUNE 2007
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
SAVE THIS CDCEL949 – LVCMOS PARAMETER FOR VDDOUT = 1.8 V – MODE
VDDOUT = 1.7 V, IOH = –0.1 mA
1.6
VOH
LVCMOS high-level output voltage
VDDOUT = 1.7 V, IOH = –4 mA
1.4
V
VDDOUT = 1.7 V, IOH = –8 mA
1.1
VDDOUT = 1.7 V, IOL = 0.1 mA
0.1
VOL
LVCMOS low-level output voltage
VDDOUT = 1.7 V, IOL = 4 mA
0.3
V
VDDOUT = 1.7 V, IOL = 8 mA
0.6
tPLH,
Propagation delay
PLL bypass
2.6
ns
tPHL
tr/tf
Rise and fall time
VDDOUT = 1.8 V (20%–80%)
0.7
ns
1 PLL switching, Y2-to-Y3
70
120
ps
tjit(cc)
Cycle-to-cycle jitter(2) (3)
4 PLLs switching, Y2-to-Y9
120
170
1 PLL switching, Y2-to-Y3
90
140
ps
tjit(per)
Peak-to-peak period jitter (2)(3)
4 PLLs switching, Y2-to-Y9
130
190
fOUT = 50 MHz; Y1-to-Y3
60
ps
tsk(o)
Output skew(4)
fOUT = 50 MHz; Y2-to-Y5 or Y6-to-Y9
160
odc
Output duty cycle(5)
fVCO = 100 MHz; Pdiv = 1
45
55
%
SDA/SCL PARAMETER
VIK
SCL and SDA input clamp voltage
VDD = 1.7 V; II = –18 mA
–1.2
V
IIH
SCL and SDA input current
VI = VDD; VDD = 1.9 V
±10
μA
VIH
SDA/SCL input high voltage(6)
0.7 VDD
V
0.3
VIL
SDA/SCL input low voltage(6)
V
VDD
0.2
VOL
SDA low-level output voltage
IOL = 3 mA, VDD = 1.7 V
V
VDD
CI
SCL/SDA input capacitance
VI = 0 V or VDD
3
10
pF
(1)
All typical values are at respective nominal VDD.
(2)
10000 cycles.
(3)
Jitter depends on device configuration. Data is taken under the following conditions: 1-PLL: fIN = 27 MHz, Y2/3 = 27 MHz, (measured at
Y2), 4-PLL: fIN = 27 MHz, Y2/3 = 27 MHz, (measured at Y2), Y4/5 = 16.384 MHz, Y6/7 = 74.25 MHz, Y8/9 = 48 MHz.
(4)
The tsk(o) specification is only valid for equal loading of each bank of outputs and outputs are generated from same divider; data
sampled on rising edge (tr).
(5)
odc depends on output rise- and fall-time (tr/tf).
(6)
SDA and SCL pins are 3.3-V tolerant.
Figure 1. Test Load
Figure 2. Test Load for 50
Ω Board Environment
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com