Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE949PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE949PW
Description  Programmable 4-PLL VCXO Clock Synthesizer with 1.8V, 2.5V and 3.3V LVCMOS Outputs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE949PW Datasheet(HTML) 2 Page - Texas Instruments

  CDCE949PW Datasheet HTML 1Page - Texas Instruments CDCE949PW Datasheet HTML 2Page - Texas Instruments CDCE949PW Datasheet HTML 3Page - Texas Instruments CDCE949PW Datasheet HTML 4Page - Texas Instruments CDCE949PW Datasheet HTML 5Page - Texas Instruments CDCE949PW Datasheet HTML 6Page - Texas Instruments CDCE949PW Datasheet HTML 7Page - Texas Instruments CDCE949PW Datasheet HTML 8Page - Texas Instruments CDCE949PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
www.ti.com
DESCRIPTION
DEVICE INFORMATION
CDCE949
CDCEL949
SCAS844 – JUNE 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
The CDCE949 and CDCEL949 are modular PLL-based low cost, high-performance, programmable clock
synthesizers, multipliers and dividers. They generate up to 9 output clocks from a single input frequency. Each
output can be programmed in-system for any clock frequency up to 230 MHz, using up to four independent
configurable PLLs.
The CDCx949 has separate output supply pins, VDDOUT, 1.8 V for the CDCEL949, and 2.5 V to 3.3 V for
CDCE949.
The input accepts an external crystal or LVCMOS clock signal. If an external crystal is used, an on-chip load
capacitor is adequate for most applications. The value of the load capacitor is programmable from 0 to 20 pF.
Additionally, an on-chip VCXO is selectable, allowing synchronization of the output frequency to an external
control signal, i.e. a PWM signal.
The deep M/N divider ratio allows the generation of zero-ppm audio/video, networking (WLAN, BlueTooth™,
Ethernet, GPS) or Interface (USB, IEEE1394, Memory Stick) clocks from a reference input frequency such as
27-MHz.
All PLLs support SSC (Spread-Spectrum Clocking). SSC can be Center-Spread or Down-Spread clocking. This
is a common technique to reduce electro-magnetic interference (EMI).
Based on the PLL frequency and the divider settings, the internal loop-filter components are automatically
adjusted to achieve high stability, and to optimize the jitter-transfer characteristics of each PLL.
The device supports non-volatile EEPROM programming for easy customization of the device to the application.
It is preset to a factory-default configuration (see the Default Device Configuration section). It can be
reprogrammed to a different application configuration before PCB assembly, or reprogrammed by in-system
programming. All device settings are programmable through the SDA/SCL bus, a 2-wire serial interface.
Three programmable control inputs, S0, S1 and S2, can be used to control various aspects of operation
including frequency selection, changing the SSC parameters to lower EMI, PLL bypass, power down, and
choosing between low level or 3-state for the output-disable function.
The CDCx949 operates in a 1.8-V environment. It is characterized for operation from –40
°C to 85°C.
TERMINAL FUNCTIONS
TERMINAL
I/O
NAME
NO. (TSSOP24)
21, 19, 18, 7, 8,
Y1, Y2, ...Y9
O
LVCMOS outputs
16, 15, 11, 12
Xin/CLK
1
I
Crystal oscillator input or LVCMOS clock input (selectable via SDA/SCL bus)
Xout
24
O
Crystal oscillator output (leave open or pull up when not used)
VCtrl
4
I
VCXO control voltage (leave open or pull up when not used)
VDD
3, 13
Power
1.8V power supply for the device
CDCEL949: 1.8 V supply for all outputs
VDDOUT
6, 10, 17
Power
CDCE949: 3.3 V or 2.5 V supply for all outputs
GND
5, 9, 14, 20
Ground
Ground
S0
2
I
User-programmable control input S0; LVCMOS inputs; internal pull-up 500 k
Ω
SDA: Bi-directional serial data input/output (default configuration), LVCMOS; internal
SDA / S1
23
I/O / I
pull-up 500 k
Ω; or
S1: User-programmable control input; LVCMOS inputs; internal pull-up 500 k
Ω
SCL: Serial clock input (default configuration), LVCMOS; internal pull-up 500 k
Ω; or
SCL / S2
22
I
S2: User-programmable control input; LVCMOS inputs; internal pull-up 500 k
Ω
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com