Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8787 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA8787
Description  10-bit, 3.0 V analog-to-digital interface for CCD cameras
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8787 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA8787 Datasheet HTML 9Page - NXP Semiconductors TDA8787 Datasheet HTML 10Page - NXP Semiconductors TDA8787 Datasheet HTML 11Page - NXP Semiconductors TDA8787 Datasheet HTML 12Page - NXP Semiconductors TDA8787 Datasheet HTML 13Page - NXP Semiconductors TDA8787 Datasheet HTML 14Page - NXP Semiconductors TDA8787 Datasheet HTML 15Page - NXP Semiconductors TDA8787 Datasheet HTML 16Page - NXP Semiconductors TDA8787 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1998 Oct 15
13
Philips Semiconductors
Preliminary specification
10-bit, 3.0 V analog-to-digital interface for
CCD cameras
TDA8787
Fig.8 Total noise performance as a function of AGC gain.
Noise measurement at ADC outputs:
Coupling capacitor at input is grounded, so only noise contribution of the front-end is evaluated. Front-end works at 18 Mpixels with line of 1024 pixels
whose first 40 are used to run CLPOB and the last 40 for CLPDM. Data at the ADC outputs are measured during the other pixels. As a result of this,
the standard deviation of the codes statistic is computed, resulting in the noise. No quantization noise is taken into account as no signal is inputted.
handbook, halfpage
64
0
192
320
128
AGC code
256
383
FCE098
Ntot(rms)
(LSB)
10
8
6
4
2
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com