Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC66A-E/P Datasheet(PDF) 9 Page - Microchip Technology

Part # 93LC66A-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66A-E/P Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93LC66A-E/P Datasheet HTML 5Page - Microchip Technology 93LC66A-E/P Datasheet HTML 6Page - Microchip Technology 93LC66A-E/P Datasheet HTML 7Page - Microchip Technology 93LC66A-E/P Datasheet HTML 8Page - Microchip Technology 93LC66A-E/P Datasheet HTML 9Page - Microchip Technology 93LC66A-E/P Datasheet HTML 10Page - Microchip Technology 93LC66A-E/P Datasheet HTML 11Page - Microchip Technology 93LC66A-E/P Datasheet HTML 12Page - Microchip Technology 93LC66A-E/P Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21795C-page 9
93AA66A/B/C, 93LC66A/B/C, 93C66A/B/C
2.6
Erase/Write Disable and
Enable(EWDS/EWEN)
The 93XX66A/B/C powers up in the Erase/Write
Disable (EWDS) state. All Programming modes must be
preceded by an Erase/Write Enable (EWEN) instruction.
Once the EWEN instruction is executed, programming
remains enabled until an EWDS instruction is executed
or Vcc is removed from the device.
To protect against accidental data disturbance, the
EWDS
instruction can be used to disable all erase/write
functions and should follow all programming opera-
tions. Execution of a READ instruction is independent of
both the EWEN and EWDS instructions.
FIGURE 2-5:
EWDS TIMING
FIGURE 2-6:
EWEN TIMING
2.7
Read
The READ instruction outputs the serial data of the
addressed memory location on the DO pin. A dummy
zero bit precedes the 8-bit (If ORG pin is low or A-Version
devices) or 16-bit (If ORG pin is high or B-version
devices) output string. The output data bits will toggle on
the rising edge of the CLK and are stable after the
specified time delay (TPD). Sequential read is possible
when CS is held high. The memory data will automati-
cally cycle to the next register and output sequentially.
FIGURE 2-7:
READ TIMING
CS
CLK
DI
10
00
0
x
•••
x
TCSL
1x
CS
CLK
DI
00
1
1
x
TCSL
•••
CS
CLK
DI
DO
11
0
An
•••
A0
High-Z
0
Dx
•••
D0
Dx
•••
D0
•••
Dx
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com