Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LC66A-E/P Datasheet(PDF) 1 Page - Microchip Technology

Part # 93LC66A-E/P
Description  4K Microwire Compatible Serial EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC66A-E/P Datasheet(HTML) 1 Page - Microchip Technology

  93LC66A-E/P Datasheet HTML 1Page - Microchip Technology 93LC66A-E/P Datasheet HTML 2Page - Microchip Technology 93LC66A-E/P Datasheet HTML 3Page - Microchip Technology 93LC66A-E/P Datasheet HTML 4Page - Microchip Technology 93LC66A-E/P Datasheet HTML 5Page - Microchip Technology 93LC66A-E/P Datasheet HTML 6Page - Microchip Technology 93LC66A-E/P Datasheet HTML 7Page - Microchip Technology 93LC66A-E/P Datasheet HTML 8Page - Microchip Technology 93LC66A-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2005 Microchip Technology Inc.
DS21795C-page 1
93AA66A/B/C, 93LC66A/B/C,
93C66A/B/C
Device Selection Table
Features:
• Low-power CMOS technology
• ORG pin to select word size for ‘66C’ version
• 512 x 8-bit organization ‘A’ ver. devices (no ORG)
• 256 x 16-bit organization ‘B’ ver. devices (no
ORG)
• Self-timed erase/write cycles (including
auto-erase)
• Automatic ERAL before WRAL
• Power-on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device Status signal (Ready/Busy)
• Sequential read function
• 1,000,000 E/W cycles
• Data retention > 200 years
• Temperature ranges supported:
Pin Function Table
Description:
The Microchip Technology Inc. 93XX66A/B/C devices
are 4K bit low-voltage serial Electrically Erasable
PROMs (EEPROM). Word-selectable devices such as
the 93AA66C, 93LC66C or 93C66C are dependent
upon external logic levels driving the ORG pin to set
word size. For dedicated 8-bit communication, the
93XX66A devices are available, while the 93XX66B
devices provide dedicated 16-bit communication.
Advanced CMOS technology makes these devices
ideal for low-power, nonvolatile memory applications.
The entire 93XX Series is available in standard
packages including 8-lead PDIP and SOIC, and
advanced packaging including 8-lead MSOP, 6-lead
SOT-23, 8-lead 2x3 DFN and 8-lead TSSOP. Pb-free
(Pure Matte Sn) finish is available.
Part Number
VCC Range
ORG Pin
Word Size
Temp Ranges
Packages
93AA66A
1.8-5.5
No
8-bit
I
P, SN, ST, MS, OT, MC
93AA66B
1.8-5-5
No
16-bit
I
P, SN, ST, MS, OT, MC
93LC66A
2.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT, MC
93LC66B
2.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT, MC
93C66A
4.5-5.5
No
8-bit
I, E
P, SN, ST, MS, OT, MC
93C66B
4.5-5.5
No
16-bit
I, E
P, SN, ST, MS, OT, MC
93AA66C
1.8-5.5
Yes
8 or 16-bit
I
P, SN, ST, MS, MC
93LC66C
2.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS, MC
93C66C
4.5-5.5
Yes
8 or 16-bit
I, E
P, SN, ST, MS, MC
- Industrial (I)
-40°C to +85°C
- Automotive (E)
-40°C to +125°C
Name
Function
CS
Chip Select
CLK
Serial Data Clock
DI
Serial Data Input
DO
Serial Data Output
VSS
Ground
NC
No internal connection
ORG
Memory Configuration
VCC
Power Supply
4K Microwire Compatible Serial EEPROM


Similar Part No. - 93LC66A-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66A-E/P MICROCHIP-93LC66A-E/P Datasheet
738Kb / 38P
1K-16K Microwire Compatible Serial EEPROMs
2007
More results

Similar Description - 93LC66A-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC66A MICROCHIP-93LC66A Datasheet
225Kb / 12P
4K 2.5V Microwire Serial EEPROM
1998 - 2000
93LC66AB MICROCHIP-93LC66AB Datasheet
185Kb / 12P
4K 2.5V Microwire Serial EEPROM
1997
93AA66A MICROCHIP-93AA66A Datasheet
405Kb / 24P
4K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
2K Microwire Compatible Serial EEPROM
2003
93AA46A MICROCHIP-93AA46A_05 Datasheet
438Kb / 28P
1K Microwire Compatible Serial EEPROM
2005
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
2K Microwire Compatible Serial EEPROM
2007
93AA76A MICROCHIP-93AA76A_12 Datasheet
744Kb / 36P
8K Microwire Compatible Serial EEPROM
11/29/11
93LC86C-ISN MICROCHIP-93LC86C-ISN Datasheet
431Kb / 26P
16K Microwire Compatible Serial EEPROM
01/26/04
93LC66BSN MICROCHIP-93LC66BSN Datasheet
303Kb / 25P
4K Microwire Compatible Serial EEPROM
07/28/03
93AA46A MICROCHIP-93AA46A_13 Datasheet
1Mb / 38P
1K Microwire Compatible Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com