Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8943SF Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA8943SF
Description  6 W mono Bridge Tied Load BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8943SF Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA8943SF Datasheet HTML 5Page - NXP Semiconductors TDA8943SF Datasheet HTML 6Page - NXP Semiconductors TDA8943SF Datasheet HTML 7Page - NXP Semiconductors TDA8943SF Datasheet HTML 8Page - NXP Semiconductors TDA8943SF Datasheet HTML 9Page - NXP Semiconductors TDA8943SF Datasheet HTML 10Page - NXP Semiconductors TDA8943SF Datasheet HTML 11Page - NXP Semiconductors TDA8943SF Datasheet HTML 12Page - NXP Semiconductors TDA8943SF Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
TDA8943SF
6 W mono Bridge Tied Load (BTL) audio amplifier
Product specification
Rev. 02 — 7 April 2000
9 of 20
9397 750 06865
© Philips Electronics N.V. 2000. All rights reserved.
No bandpass filter applied.
Fig 6.
Total harmonic distortion as function of output
power.
Fig 7.
Total harmonic distortion as function of
frequency.
THD = 10%.
Fig 8.
Output power as function of supply voltage.
Fig 9.
Total power dissipation as function of supply
voltage.
handbook, halfpage
THD
(%)
10−2
10
1
10−1
Po (W)
102
10
1
10−1
10−2
MGU038
RL = 16 Ω
8
Ω
handbook, halfpage
THD
(%)
10
105
102
103
104
f (Hz)
1
10
10−1
10−2
MGU039
Po = 0.1 (W)
1 (W)
handbook, halfpage
16
8
4
12
0
04
8
12
16
VCC (V)
Po
(W)
20
MGU044
RL = 8 Ω
16
Ω
handbook, halfpage
8
10
4
2
6
0
05
10
VCC (V)
Ptot
(W)
20
15
MGU045
RL = 8 Ω
16
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com