Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA8943SF Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA8943SF
Description  6 W mono Bridge Tied Load BTL audio amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8943SF Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA8943SF Datasheet HTML 6Page - NXP Semiconductors TDA8943SF Datasheet HTML 7Page - NXP Semiconductors TDA8943SF Datasheet HTML 8Page - NXP Semiconductors TDA8943SF Datasheet HTML 9Page - NXP Semiconductors TDA8943SF Datasheet HTML 10Page - NXP Semiconductors TDA8943SF Datasheet HTML 11Page - NXP Semiconductors TDA8943SF Datasheet HTML 12Page - NXP Semiconductors TDA8943SF Datasheet HTML 13Page - NXP Semiconductors TDA8943SF Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Philips Semiconductors
TDA8943SF
6 W mono Bridge Tied Load (BTL) audio amplifier
Product specification
Rev. 02 — 7 April 2000
10 of 20
9397 750 06865
© Philips Electronics N.V. 2000. All rights reserved.
VCC =12V.
Fig 10. Efficiency as function of output power.
Fig 11. Power dissipation as function of output power.
VCC = 12 V; Rs =0 Ω; Vripple = 707 mV (RMS); no bandpass filter applied.
Curve A: inputs short-circuited
Curve B: inputs short-circuited and connected to ground (asymmetrical application)
Fig 12. Supply voltage ripple rejection as function of frequency.
handbook, halfpage
100
80
60
40
20
0
02
4
6
8
Po (W)
η
(%)
10
MGU047
RL = 16 Ω
8
Ω
handbook, halfpage
5
4
3
2
1
0
02
4
6
8
Po (W)
P
(W)
10
MGU046
RL = 8 Ω
16
Ω
handbook, full pagewidth
SVRR
(dB)
102
103
104
105
10
f (Hz)
−20
0
−40
−60
−80
MGU042
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com