Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9143 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 4Page - NXP Semiconductors TDA9143 Datasheet HTML 5Page - NXP Semiconductors TDA9143 Datasheet HTML 6Page - NXP Semiconductors TDA9143 Datasheet HTML 7Page - NXP Semiconductors TDA9143 Datasheet HTML 8Page - NXP Semiconductors TDA9143 Datasheet HTML 9Page - NXP Semiconductors TDA9143 Datasheet HTML 10Page - NXP Semiconductors TDA9143 Datasheet HTML 11Page - NXP Semiconductors TDA9143 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
1996 Jan 17
8
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
If the reference crystal is not 4.4 MHz the decoder will not
produce the correct SECAM signals. Especially for NTSC
applications an internal bypass mode of the external
baseband delay line (for instance TDA4665) is added,
controlled by bus bit BPS (bypass mode) and with a gain
of 2. The bypass mode is not available for SECAM.
Comb filter interfacing
The frequency of the active crystal is fed to the Fscomb
output, which can be connected to an external comb filter
IC (e.g. SAA4961). When bus bit ECMB is LOW, the
subcarrier frequency is suppressed and its DC value is
LOW. With ECMB HIGH, the DC value is HIGH with the
subcarrier frequency present, and I2C-bus output bit YC
and the input switch are always forced in the Y/C mode,
unless an external current sink (e.g. from the comb filter)
prevents this, as pin Fscomb also acts as input pin. In this
event the subcarrier frequency is still present on the same
DC HIGH level.
PALplus and EDTV-2 helper blanking
For blanking of PALplus or EDTV-2 helper lines, the helper
blanking can extend the vertical blanking of the Y, R
−Y and
B
−Y outputs. Additional helper blanking bits (HOB, HBC)
and norm/not norm (NRM) indication determine whether
the helper signal has to be blanked or conditionally
blanked depending on the signal-to-noise ratio bit SNR.
Table 1 is valid in a 50 Hz or 60 Hz mode.
Table 1
Helper blanking modes
For PALplus (50 Hz, 625 lines) outside the letter box area
blanking is possible and takes place on lines 275 to 371
and 587 to 59.
For EDTV-2 (system M, 60 Hz, 525 lines) outside the letter
box area blanking is possible and takes place on lines 230
to 312 and 493 to 49 (1).
(1) For system M, line numbers start with the first equalizing
pulse in field 1, but the internal line counter starts counting at
the first vertical sync pulse in field 1. This line number
notation is used here and in Fig.7.
HOB
HBC
SNR
HELPER
BLANKING
0
X
X
OFF
10
X
ON
110
OFF
111
ON
Provided a NORM sync condition is present, with bus bit
HBO = 1 and HBC = 0 blanking is activated. Conditional
blanking is possible with HBO = 1 and HBC = 1 and
SNR = 1.
The black level of the luminance signal is internally
clamped with a large time constant to an internal reference
black level. This black level is used as fill-in value for the Y
signal during blanking.
Fast blanking detector
To detect the presence of a fast blanking signal, a circuit is
added which indicates this event if in more than one line
per field a blanking pulse is present at the fast blanking
input (F). More than one line per field is chosen to prevent
switching-off at every spike detected on the fast blanking
input. The detector output FBA (fast blanking active) can
be read-out by the I2C-bus.
Blanked/unblanked sync
By means of the I2C-bus bit BSY (blanked sync) output
signal Yout will be presented with or without its composite
sync part. At BSY = 0 the composite sync is present on
Yout. When activated, helper blanking takes place only
during helper lines scan. At BSY = 1 the black level is filled
in during the line blanking interval and vertical blanking
interval. When activated, the helper blanking extends the
vertical blanking.
Sync processor (
ϕ
1 loop)
The main part of the sync circuit is an oscillator running at
440
× f
H (6.875 MHz), provided that I
2C-bus address 8A is
used or 432
× fH (6.75 MHz) for 8E. Its frequency is divided
by 440 or 432 to lock the
ϕ1 loop to the incoming signal.
The time-constant of the loop can be selected by the
I2C-bus (fast, auto or slow). In the fast mode the fast
time-constant is chosen independent of signal conditions.
In the auto mode the medium time-constant is present with
a fast time constant during the vertical retrace period (‘field
boost’). If the noise detector indicates a noisy video signal
the time-constant switches to slow with a smaller field
boost, which is also the time-constant for the slow mode.
In case of a slow time constant sync gating takes place in
a 6
µs window around the separated sync pulse. In case of
no sync lock, both the auto and the slow mode have a
medium time constant, to ensure reliable catching.
The noise content of the video signal is determined by a
noise detector circuit. This circuit measures the noise at
top sync during a 15 line period every field (65 lines after
start VA pulse). When the noise level supersedes the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com