Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9178 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 15Page - NXP Semiconductors TDA9178 Datasheet HTML 16Page - NXP Semiconductors TDA9178 Datasheet HTML 17Page - NXP Semiconductors TDA9178 Datasheet HTML 18Page - NXP Semiconductors TDA9178 Datasheet HTML 19Page - NXP Semiconductors TDA9178 Datasheet HTML 20Page - NXP Semiconductors TDA9178 Datasheet HTML 21Page - NXP Semiconductors TDA9178 Datasheet HTML 22Page - NXP Semiconductors TDA9178 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
1999 Sep 24
19
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
Notes
1. The amount of correction depends on the parameters of the incoming YUV signals; therefore it is not possible to give
exact figures for the correction angle. The aperture angle of the correction range of 45
° (±22.5°) is just given as an
indication and is valid for an input signal with a luminance signal amplitude of 75% and a colour saturation of 50%.
2. The amount of correction depends on the parameters of the incoming YUV signals; therefore it is not possible to give
exact figures for the correction angle.
3. The contour signal cannot be measured separately from the luminance input signal. The contour signal is also
processed by the smart noise controller. The frequency transfer in the peaking mode of the luminance signal can be
derived from the frequency transfer of the selected contour signal, taking into account the summation of the contour
signal and the luminance input signal. The frequency transfer is most easily measured by sine excitation with a
relatively small signal amplitude of 10% of the selected dynamic range of the luminance input, to avoid interaction
with the step detector.
4. Peaking set to minimum. Input signal is a sine wave with the nominal peak-to-peak amplitude corresponding to the
selected input range.
5. Input signal is a 250 kHz block with a rise time of 260 ns and a nominal peak-to-peak amplitude corresponding to the
selected input range.
Overall output group delay performance
td(YUV)
input to output delay of YUV signals 1fH mode; transparent
−
300
−
ns
2fH mode; transparent
−
180
−
ns
tdm(UV-Y)
adjustment delay U and V signals
w.r.t. Y signal
1fH mode; transparent
−32
0
+40
ns
2fH mode; transparent
−16
0
+20
ns
Noise measurement
Rnoise
range of noise detector
see Figure 18
−45
−−20
dB
tcon
conversion time
−
32fV
−
s
Cue flash
CUE FLASH OUTPUT
(PIN CF); OPEN COLLECTOR
Vo(max)
maximum output voltage
pull-up to external
supply
−−
5.5
V
Isink(max)
maximum sink current
−−
1mA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com