Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9178 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # TDA9178
Description  YUV one chip picture improvement based on luminance vector-, colour vector- and spectral processor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9178 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button TDA9178 Datasheet HTML 27Page - NXP Semiconductors TDA9178 Datasheet HTML 28Page - NXP Semiconductors TDA9178 Datasheet HTML 29Page - NXP Semiconductors TDA9178 Datasheet HTML 30Page - NXP Semiconductors TDA9178 Datasheet HTML 31Page - NXP Semiconductors TDA9178 Datasheet HTML 32Page - NXP Semiconductors TDA9178 Datasheet HTML 33Page - NXP Semiconductors TDA9178 Datasheet HTML 34Page - NXP Semiconductors TDA9178 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
1999 Sep 24
31
Philips Semiconductors
Preliminary specification
YUV one chip picture improvement based on luminance
vector-, colour vector- and spectral processor
TDA9178
PACKAGE OUTLINES
UNIT
b1
cE
e
MH
L
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
DIMENSIONS (mm are the original dimensions)
SOT234-1
92-11-17
95-02-04
b
max.
w
M E
e 1
1.3
0.8
0.53
0.40
0.32
0.23
22.3
21.4
9.1
8.7
3.2
2.8
0.18
1.778
10.16
10.7
10.2
12.2
10.5
1.6
4.7
0.51
3.8
MH
c
(e )
1
ME
A
L
A1
w M
b1
e
D
A2
Z
24
1
13
12
b
E
pin 1 index
0
5
10 mm
scale
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
(1)
(1)
D
(1)
Z
A
max.
12
A
min.
A
max.
SDIP24: plastic shrink dual in-line package; 24 leads (400 mil)
SOT234-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com