Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB4863 Datasheet(PDF) 14 Page - Kingbor Technology Co

Part # KB4863
Description  Dual 2.2W Audio Amplifier Plus Stereo Headphone Function
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB4863 Datasheet(HTML) 14 Page - Kingbor Technology Co

Back Button KB4863 Datasheet HTML 10Page - Kingbor Technology Co KB4863 Datasheet HTML 11Page - Kingbor Technology Co KB4863 Datasheet HTML 12Page - Kingbor Technology Co KB4863 Datasheet HTML 13Page - Kingbor Technology Co KB4863 Datasheet HTML 14Page - Kingbor Technology Co KB4863 Datasheet HTML 15Page - Kingbor Technology Co KB4863 Datasheet HTML 16Page - Kingbor Technology Co KB4863 Datasheet HTML 17Page - Kingbor Technology Co KB4863 Datasheet HTML 18Page - Kingbor Technology Co Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Application Information (Continued)
phone jack contact pin from -OUTA and allows R1 to pull the
HP Sense pin up to V
DD. This enables the headphone func-
tion, turns off Amp2A and Amp2B, and mutes the bridged
speaker. The amplifier then drives the headphones, whose
impedance is in parallel with resistor R2 and R3. These
resistors have negligible effect on the KB4863’s output drive
capability since the typical impedance of headphones is
32
Ω.
Figure 2 also shows the suggested headphone jack electri-
cal connections. The jack is designed to mate with a
three-wire plug. The plug’s tip and ring should each carry
one of the two stereo output signals, whereas the sleeve
should carry the ground return. A headphone jack with one
control pin contact is sufficient to drive the HP-IN pin when
connecting headphones.
A microprocessor or a switch can replace the headphone
jack contact pin. When a microprocessor or switch applies a
voltage greater than 4V to the HP-IN pin, a bridge-connected
speaker is muted and Amp1A and Amp2A drive a pair of
headphones.
SELECTING PROPER EXTERNAL COMPONENTS
Optimizing the KB4863’s performance requires properly se-
lecting external components. Though the KB4863 operates
well when using external components with wide tolerances,
best performance is achieved by optimizing component val-
ues.
The KB4863 is unity-gain stable, giving a designer maximum
design flexibility. The gain should be set to no more than a
given application requires. This allows the amplifier to
achieve minimum THD+N and maximum signal-to-noise ra-
tio. These parameters are compromised as the closed-loop
gain increases. However, low gain demands input signals
with greater voltage swings to achieve maximum output
power. Fortunately, many signal sources such as audio CO-
DECs have outputs of 1V
RMS (2.83VP-P). Please refer to the
Audio Power Amplifier Design section for more informa-
tion on selecting the proper gain.
Input Capacitor Value Selection
Amplifying the lowest audio frequencies requires high value
input coupling capacitor (C
i in Figure 1). A high value capaci-
tor can be expensive and may compromise space efficiency
in portable designs. In many cases, however, the speakers
used in portable systems, whether internal or external, have
little ability to reproduce signals below 150Hz. Applications
using speakers with this limited frequency response reap
little improvement by using large input capacitor.
Besides effecting system cost and size, C
i has an affect on
the KB4863’s click and pop performance. When the supply
voltage is first applied, a transient (pop) is created as the
charge on the input capacitor changes from zero to a quies-
cent state. The magnitude of the pop is directly proportional
to the input capacitor’s size. Higher value capacitors need
more time to reach a quiescent DC voltage (usually V
DD/2)
when charged with a fixed current. The amplifier’s output
charges the input capacitor through the feedback resistor,
R
f. Thus, pops can be minimized by selecting an input
capacitor value that is no higher than necessary to meet the
desired -3dB frequency.
A shown in Figure 1, the input resistor (R
I) and the input
capacitor, C
I produce a −3dB high pass filter cutoff frequency
that is found using Equation (7).
(7)
As an example when using a speaker with a low frequency
limit of 150Hz, C
I, using Equation (4), is 0.063µF. The 1.0µF
C
I shown in Figure 1 allows the KB4863 to drive high effi-
ciency, full range speaker whose response extends below
30Hz.
Bypass Capacitor Value Selection
Besides minimizing the input capacitor size, careful consid-
eration should be paid to value of C
B, the capacitor con-
nected to the BYPASS pin. Since C
B determines how fast
the KB4863 settles to quiescent operation, its value is critical
when minimizing turn−on pops. The slower the KB4863’s
outputs ramp to their quiescent DC voltage (nominally 1/2
V
DD), the smaller the turn−on pop. Choosing CB equal to
1.0µF along with a small value of C
i (in the range of 0.1µF to
0.39µF), produces a click-less and pop-less shutdown func-
tion. As discussed above, choosing C
i no larger than neces-
sary for the desired bandwidth helps minimize clicks and
pops.
OPTIMIZING CLICK AND POP REDUCTION
PERFORMANCE
The KB4863 contains circuitry to minimize turn-on and shut-
down transients or ’clicks and pop’. For this discussion,
turn-on refers to either applying the power supply voltage or
when the shutdown mode is deactivated. While the power
supply is ramping to its final value, the KB4863’s internal
amplifiers are configured as unity gain buffers. An internal
current source changes the voltage of the BYPASS pin in a
controlled, linear manner. Ideally, the input and outputs track
the voltage applied to the BYPASS pin. The gain of the
internal amplifiers remains unity until the voltage on the
bypass pin reaches 1/2 V
DD. As soon as the voltage on the
BYPASS pin is stable, the device becomes fully operational.
Although the bypass pin current cannot be modified, chang-
ing the size of C
B alters the device’s turn-on time and the
magnitude of ’clicks and pops’. Increasing the value of C
B
reduces the magnitude of turn-on pops. However, this pre-
FIGURE 2. Headphone Circuit
KingborTechnologyCo.,Ltd
TEL:(86)0755-83095458 FAX:(86)0755-88364052
KB4863
14/19
Rev: 1.1
2005-12-05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com