Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4012 Datasheet(PDF) 4 Page - Analog Devices

Part # MAX4012
Description  Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4012 Datasheet(HTML) 4 Page - Analog Devices

  MAX4012 Datasheet HTML 1Page - Analog Devices MAX4012 Datasheet HTML 2Page - Analog Devices MAX4012 Datasheet HTML 3Page - Analog Devices MAX4012 Datasheet HTML 4Page - Analog Devices MAX4012 Datasheet HTML 5Page - Analog Devices MAX4012 Datasheet HTML 6Page - Analog Devices MAX4012 Datasheet HTML 7Page - Analog Devices MAX4012 Datasheet HTML 8Page - Analog Devices MAX4012 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
(VCC = 5V, VEE = 0, VCM = 2.5V, EN_ = 5V, RF = 24Ω, RL = 100Ω to VCC/2, VOUT = VCC/2, AVCL = 1, TA = +25°C, unless otherwise
noted.)
AC Electrical Characteristics
Note 1: The MAX4012EUT is 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by
design.
Note 2: Tested with VCM = 2.5V.
Note 3: PSR for single 5V supply tested with VEE = 0, VCC = 4.5V to 5.5V; for dual ±5V supply with VEE = -4.5V to -5.5V,
VCC = 4.5V to 5.5V; and for single 3.3V supply with VEE = 0, VCC = 3.15V to 3.45V.
Note 4: Does not include the external feedback network’s impedance.
Note 5: Guaranteed by design.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Small-Signal -3dB Bandwidth
BWSS
VOUT = 20mVP-P
MAX4012
200
MHz
MAX4016/MAX4018/
MAX4020
150
Large-Signal -3dB Bandwidth
BWLS
VOUT = 2VP-P
140
MHz
Bandwidth for 0.1dB Gain
Flatness
BW0.1dB
VOUT = 20mVP-P (Note 5)
6
30
MHz
Slew Rate
SR
VOUT = 2V step
600
V/μs
Settling Time to 0.1%
tS
VOUT = 2V step
45
ns
Rise/Fall Time
tR, tF
VOUT = 100mVP-P
1
ns
Spurious-Free Dynamic
Range
SFDR
fC = 5MHz, VOUT = 2VP-P
-78
dBc
Harmonic Distortion
HD
fC = 5MHz,
VOUT = 2VP-P
2nd harmonic
-78
dBc
3rd harmonic
-82
Total harmonic
distortion
-75
dB
Two-Tone, Third-Order
Intermodulation Distortion
IP3
f1 = 10.0MHz, f2 = 10.1MHz, VOUT = 1VP-P
35
dBc
Input 1dB Compression Point
fC = 10MHz, AVCL = 2
11
dBm
Differential Phase Error
DP
NTSC, RL = 150Ω
0.02
degrees
Differential Gain Error
DG
NTSC, RL = 150Ω
0.02
%
Input Noise-Voltage Density
en
f = 10kHz
10
nV/√Hz
Input Noise-Current Density
in
f = 10kHz
1.3
nV/√Hz
Input Capacitance
CIN
1
pF
Disabled Output Capacitance
COUT (OFF) MAX4018, EN_ = 0
2
pF
Output Impedance
ZOUT
f = 10MHz
6
Ω
Amplifier Enable Time
tON
MAX4018
100
ns
Amplifier Disable Time
tOFF
MAX4018
1
μs
Amplifier Gain Matching
MAX4016/MAX4018/MAX4020,
f = 10MHz, VOUT = 20mVP-P
0.1
dB
Amplifier Crosstalk
XTALK
MAX4016/MAX4018/MAX4020,
f = 10MHz, VOUT = 2VP-P, RS = 50Ω to ground
-95
dB
www.analog.com
Analog Devices │ 4
MAX4012/MAX4016/
MAX4018/MAX4020
Low-Cost, High-Speed, Single-Supply
Op Amps with Rail-to-Rail Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com