Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4012 Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4012
Description  Low-Cost, High-Speed, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4012 Datasheet(HTML) 2 Page - Analog Devices

  MAX4012 Datasheet HTML 1Page - Analog Devices MAX4012 Datasheet HTML 2Page - Analog Devices MAX4012 Datasheet HTML 3Page - Analog Devices MAX4012 Datasheet HTML 4Page - Analog Devices MAX4012 Datasheet HTML 5Page - Analog Devices MAX4012 Datasheet HTML 6Page - Analog Devices MAX4012 Datasheet HTML 7Page - Analog Devices MAX4012 Datasheet HTML 8Page - Analog Devices MAX4012 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Supply Voltage (VCC to VEE) ................................................12V
IN_-, IN_+, OUT_, EN_ .................(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration to VCC or VEE............Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ..........571mW
8-Pin SO (derate 5.9mW/°C above +70°C).................471mW
8-Pin μMAX (derate 4.1mW/°C above +70°C)............330mW
14-Pin SO (derate 8.3mW/°C above +70°C)...............667mW
16-Pin QSOP (derate 8.3mW/°C above +70°C)..........667mW
Operating Temperature Range........................... -40°C to +85°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
(VCC = 5V, VEE = 0, EN_ = 5V, RL = ∞ to VCC/2, VOUT = VCC/2, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
DC Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode
Voltage Range
VCM
Guaranteed by CMRR test
VEE -
0.20
VCC -
2.25
V
Input Offset Voltage (Note 2)
VOS
4
20
mV
Input Offset Voltage
Temperature Coefficient
TCVOS
8
μV/°C
Input Offset Voltage Matching
Any channels for MAX4016/MAX4018/
MAX4020
±1
mV
Input Bias Current
IB
(Note 2)
5.4
20
μA
Input Offset Current
IOS
(Note 2)
0.1
20
μA
Input Resistance
RIN
Differential mode (-1V ≤ VIN ≤ +1V)
70
kΩ
Common mode (-0.2V ≤ VCM ≤ +2.75V)
3
MΩ
Common-Mode Rejection Ratio
CMRR
(VEE - 0.2V) ≤ VCM ≤ (VCC - 2.25V)
70
100
dB
Open-Loop Gain (Note 2)
AVOL
0.25V ≤ VOUT ≤ 4.75V, RL = 2kΩ
61
dB
0.5V ≤ VOUT ≤ 4.5V, RL = 150Ω
52
59
1.0V ≤ VOUT ≤ 4V, RL = 50Ω
57
Output Voltage Swing
(Note 2)
VOUT
RL = 2kΩ
VCC - VOH
0.06
V
VOL - VEE
0.06
RL = 150Ω
VCC - VOH
0.30
VOL - VEE
0.30
RL = 75Ω
VCC - VOH
0.6
1.5
VOL - VEE
0.6
1.5
RL = 75Ω
to ground
VCC - VOH
1.1
2.0
VOL - VEE
0.05
0.50
Output Current
IOUT
RL = 20Ω to VCC or
VEE
TA = +25°C
±70
±120
mA
TA = TMIN to TMAX
±60
Output Short-Circuit Current
ISC
Sinking or sourcing
±150
mA
Open-Loop Output Resistance
ROUT
8
Ω
www.analog.com
Analog Devices │ 2
MAX4012/MAX4016/
MAX4018/MAX4020
Low-Cost, High-Speed, Single-Supply
Op Amps with Rail-to-Rail Outputs
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com