Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4250/A Datasheet(PDF) 3 Page - Analog Devices

Part # MAX4250/A
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4250/A Datasheet(HTML) 3 Page - Analog Devices

  MAX4250/A Datasheet HTML 1Page - Analog Devices MAX4250/A Datasheet HTML 2Page - Analog Devices MAX4250/A Datasheet HTML 3Page - Analog Devices MAX4250/A Datasheet HTML 4Page - Analog Devices MAX4250/A Datasheet HTML 5Page - Analog Devices MAX4250/A Datasheet HTML 6Page - Analog Devices MAX4250/A Datasheet HTML 7Page - Analog Devices MAX4250/A Datasheet HTML 8Page - Analog Devices MAX4250/A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
(VDD = 5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL connected to VDD/2, SHDN = VDD, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Rejection Ratio
PSRR
VDD – 2.4V to 5.5V
E temperature
75
100
dB
MAX4250AAUK
72
Large-Signal Voltage Gain
AV
RL = 10kΩ to VDD/2;
VOUT = 25mV to VDD
– 4.97V
E temperature
80
116
dB
MAX4250AAUK
77
RL = 1kΩ to VDD/2;
VOUT = 150mV to
VDD – 4.75V
E temperature
80
112
MAX4250AAUK
77
Output Voltage Swing
VOUT
|VIN+ - VIN-| ≥ 10mV;
RL = 10kΩ to VDD/2
VDD - VOH
E
8
25
mV
A
30
VOL - VSS
E
7
20
A
25
Output Voltage Swing
VOUT
|VIN+ - VIN-| ≥ 10mV,
RL = 1kΩ to VDD/2
VDD - VOH
E
77
200
mV
A
225
VOL - VSS
E
47
100
A
125
Output Short-Circuit Current
ISC
68
mA
Output Leakage Current
ILEAK
Shutdown mode (SHDN = VSS),
VOUT = VSS to VDD (Note 2)
0.001
1.0
µA
SHDN
Logic Low
VIL
(Note 2)
0.2 x VDD
V
SHDN
Logic High
VIH
(Note 2)
0.8 x VDD
V
SHDN
Input Current
IIL/IIH
SHDN
= VSS = VDD (Note 2)
0.5
1.5
µA
Input Capacitance
11
pF
Gain-Bandwidth Product
GBW
MAX4250–MAX4254
3
MHz
MAX4249/MAX4255/MAX4256/MAX4257
22
Slew Rate
SR
MAX4250–MAX4254
0.3
V/µs
MAX4249/MAX4255/MAX4256/MAX4257
2.1
Peak-to-Peak Input-Noise
Voltage
enP-P
f = 0.1Hz to 10Hz
760
nVP-P
Input Voltage-Noise Density
en
f = 10Hz
27
nV/√Hz
f = 1kHz
8.9
f = 30kHz
7.9
Input Current-Noise Density
in
f = 1kHz
0.5
fA/√Hz
www.analog.com
Analog Devices │ 3
MAX4249–MAX4257
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com