Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4250/A Datasheet(PDF) 2 Page - Analog Devices

Part # MAX4250/A
Description  UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX4250/A Datasheet(HTML) 2 Page - Analog Devices

  MAX4250/A Datasheet HTML 1Page - Analog Devices MAX4250/A Datasheet HTML 2Page - Analog Devices MAX4250/A Datasheet HTML 3Page - Analog Devices MAX4250/A Datasheet HTML 4Page - Analog Devices MAX4250/A Datasheet HTML 5Page - Analog Devices MAX4250/A Datasheet HTML 6Page - Analog Devices MAX4250/A Datasheet HTML 7Page - Analog Devices MAX4250/A Datasheet HTML 8Page - Analog Devices MAX4250/A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Power-Supply Voltage (VDD to VSS)....................+6.0V to -0.3V
Analog Input Voltage (IN_+, IN_-).(VDD + 0.3V) to (VSS - 0.3V)
SHDN
Input Voltage ....................................6.0V to (VSS - 0.3V)
Output Short-Circuit Duration to Either Supply ..........Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ..........571mW
8-Bump UCSP (derate 4.7mW/°C above +70°C)........379mW
8-Pin μMAX (derate 4.5mW/°C above +70°C)............362mW
8-Pin SO (derate 5.88mW/°C above +70°C)...............471mW
10-Bump UCSP (derate 6.1mW/°C above +70°C)......484mW
10-Pin μMAX (derate 5.6mW/°C above +70°C)..........444mW
14-Pin SO (derate 8.33mW/°C above +70°C).............667mW
Operating Temperature Range........................... -40°C to +85°C
MAX4250AAUK ............................................ -40°C to +125°C
Junction Temperature......................................................+150°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow).......................................+260°C
(VDD = 5V, VSS = 0V, VCM = 0V, VOUT = VDD/2, RL connected to VDD/2, SHDN = VDD, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Notes 2, 3)
Electrical Characteristics
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
(Note 4)
2.4
5.5
V
Quiescent Supply Current
Per Amplifier
IQ
Normal
mode
VDD = 3V
400
µA
VDD = 5V
E temperature
420
575
MAX4250AAUK
675
VDD = 5V, UCSP only
420
655
Shutdown mode (SHDN = VSS) (Note 2)
0.5
1.5
Input Offset Voltage (Note 5)
VOS
E temperature
±0.07
±0.75
mV
MAX4250AAUK
±1.85
Input Offset Voltage Tempco
TCVOS
0.3
µV/°C
Input Bias Current
IB
(Note 6)
TA = +25°C
0.1
1
pA
TA = -40°C to +85°C
50
TA = -40°C to +125°C
1500
Input Offset Current
IOS
(Note 6)
TA = +25°C
0.1
1
pA
TA = -40°C to +85°C
10
TA = -40°C to +125°C
100
Differential Input Resistance
RIN
1000
GΩ
Input Common-Mode Voltage
Range
VCM
Guaranteed by
CMRR test
E temperature
-0.2
VDD -1.1
V
MAX4250AAUK
0
VDD -1.1
Common-Mode Rejection
Ratio
CMRR
VSS - 0.2V ≤ VCM ≤
VDD - 1.1V
E temperature
70
115
dB
MAX4250AAUK
68
www.analog.com
Analog Devices │ 2
MAX4249–MAX4257
UCSP, Single-Supply, Low-Noise,
Low-Distortion, Rail-to-Rail Op Amps
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com