Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9614H Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDA9614H Datasheet HTML 29Page - NXP Semiconductors TDA9614H Datasheet HTML 30Page - NXP Semiconductors TDA9614H Datasheet HTML 31Page - NXP Semiconductors TDA9614H Datasheet HTML 32Page - NXP Semiconductors TDA9614H Datasheet HTML 33Page - NXP Semiconductors TDA9614H Datasheet HTML 34Page - NXP Semiconductors TDA9614H Datasheet HTML 35Page - NXP Semiconductors TDA9614H Datasheet HTML 36Page - NXP Semiconductors TDA9614H Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
1995 Mar 21
33
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
Audio outputs (AFNL and AFNR; pins 64 and 51); audio output from noise reduction
VoAF
audio output voltage
−12.5
−11.5
−10.5
dBV
THD
total harmonic distortion
−
0.12
0.3
%
VoAF
audio output voltage at
maximum record level
TUNL =
−3 dBV;
TUNR =
−3 dBV; note 1
−3.5
−2
−0.5
dBV
THD
total harmonic distortion at
maximum record level
TUNL =
−3 dBV;
TUNR =
−3 dBV; note 1
−
0.2
3
%
Vn
noise level
fi = 300 Hz to 20 kHz;
tuner AC grounded
−
−54
−52
dBV
α
cb
channel balance
−1
−
+1
dB
L
linearity
Vi = −8 to −68 dBV
28.5
30
31.5
dB
α
cc
channel crosstalk
one channel driven
−
−58
−50
dBV
tatt
attack time according VHS
−
5
−
ms
trec
recovery time according VHS
−
70
−
ms
Vmute
mute level
MUTE = 1
−
−52
−
dBV
frequency response with
respect to 1 kHz; output level
fi = 300 Hz
−0.9
−0.2
+0.5
dB
fi = 10 kHz
2.9
3.9
4.9
dB
FM modulator (audio input from AFML and AFMR; pins 63 and 52)
THD
total harmonic distortion
∆f = 50 kHz
−
0.1
0.2
%
∆f
FM frequency deviation
ViAF = −11.5 dBV;
NTSC = 0
45
50
55
kHz
ViAF = −11.5 dBV;
NTSC = 1
45
50
55
kHz
audio input signal from NR
outputs AFNL and AFNR;
NTSC = 0
44.5
50
56.1
kHz
audio input signal from NR
outputs AFNL and AFNR;
NTSC = 1
44.5
50
56.1
kHz
∆f
max
maximum FM frequency
deviation
140
150
160
kHz
foL
FM centre frequency left
f = 1.4 MHz; NTSC = 0;
calibrated in PAL mode
1395
1400
1405
kHz
f = 1.3 MHz; NTSC = 1;
calibrated in NTSC mode
1295
1300
1305
kHz
NTSC = 1; calibrated in
PAL mode
−
1300
−
kHz
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com