Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9614H Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDA9614H
Description  Audio processor for VHS hi-fi and linear audio
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9614H Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDA9614H Datasheet HTML 32Page - NXP Semiconductors TDA9614H Datasheet HTML 33Page - NXP Semiconductors TDA9614H Datasheet HTML 34Page - NXP Semiconductors TDA9614H Datasheet HTML 35Page - NXP Semiconductors TDA9614H Datasheet HTML 36Page - NXP Semiconductors TDA9614H Datasheet HTML 37Page - NXP Semiconductors TDA9614H Datasheet HTML 38Page - NXP Semiconductors TDA9614H Datasheet HTML 39Page - NXP Semiconductors TDA9614H Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
1995 Mar 21
36
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
and linear audio
TDA9614H
1.8 MHz BPF
1.4 MHz/1.8 MHz
−
−
−30
dB
1.55 MHz/1.8 MHz
−
−17
−10
dB
1.65 MHz/1.8 MHz
−7
−3
−
dB
1.95 MHz/1.8 MHz
−3
0
−
dB
2.2 MHz/1.8 MHz
−25
−15
dB
1.3 MHz BPF
1.45 MHz/1.3 MHz
−7
−3
−
dB
1.55 MHz/1.3 MHz
−
−17
−12
dB
1.45 MHz/1.55 MHz
10
15
−
dB
1.7 MHz BPF
1.45 MHz/1.7 MHz
−
−17
−10
dB
1.55 MHz/1.7 MHz
−7
−3
−
dB
1.55 MHz/1.45 MHz
10
15
−
dB
fshift
frequency shift of BPF curve
with temperature
Tamb = 0 to 70 °C
−
10
−
kHz
HF AGC
Vi max(p-p)
maximum input signal level
(peak-to-peak value)
1.4 and 1.8 MHz carrier
added
−
−
1.25
V
VoL(rms)
left BPF output voltage level
(RMS value)
fi = 1.4 MHz at FMIN;
ViHF(rms) = 4 mV
13
19
28
mV
fi = 1.4 MHz at FMIN;
ViHF(rms) = 25 mV
84
120
170
mV
fi = 1.4 MHz at FMIN;
ViHF(rms) = 125 mV
84
120
170
mV
VoR(rms)
right BPF output voltage level
(RMS value)
fi = 1.8 MHz at FMIN;
ViHF(rms) = 4 mV
13
19
28
mV
fi = 1.8 MHz at FMIN;
ViHF(rms) = 25 mV
84
120
170
mV
fi = 1.8 MHz at FMIN;
ViHF(rms) = 125 mV
84
120
170
mV
B
−3 dB bandwidth
ViHF(rms) = 75 mV;
1.4 MHz carrier
−
10
−
kHz
PLL FM demodulator and limiter
α
AM
AM rejection
ViHF(rms) = 2 to 200 mV;
m = 30%
−
−70
−
dBV
Vi(rms)
sensitivity; PLL locked
(RMS value)
∆f = 150 kHz;
S/N = 35 dB (audio)
−
0.6
1.25
mV
THD
total harmonic distortion
∆f = 50 kHz
−
0.03
0.3
%
∆f = 150 kHz
−
0.2
1.5
%
S/N
signal-to-noise ratio
ViHF = 30 mV; ∆f = 50 kHz
54
57
−
dB
VoAF
AF output voltage
∆f = 50 kHz
−12.5
−11.5
−10.5
dBV
Vstep
step response
note 1
−
−
−48
dBV
α
ct
crosstalk between channels
L to R; R to L
−
−90
−
dBV
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com