Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21272SDFP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F21272SDFP
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21272SDFP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F21272SDFP Datasheet HTML 35Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 36Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 37Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 38Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 39Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 40Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 41Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 42Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
R8C/26 Group, R8C/27 Group
5. Electrical Characteristics
Rev.2.10
Sep 26, 2008
Page 39 of 69
REJ03B0168-0210
Timing Requirements
(Unless Otherwise Specified: VCC = 5 V, VSS = 0 V at Topr = 25
°C) [VCC = 5 V]
Figure 5.8
XIN Input and XCIN Input Timing Diagram when VCC = 5 V
Figure 5.9
TRAIO Input Timing Diagram when VCC = 5 V
Table 5.18
XIN Input, XCIN Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(XIN)
XIN input cycle time
50
−
ns
tWH(XIN)
XIN input “H” width
25
−
ns
tWL(XIN)
XIN input “L” width
25
−
ns
tc(XCIN)
XCIN input cycle time
14
−µs
tWH(XCIN)
XCIN input “H” width
7
−µs
tWL(XCIN)
XCIN input “L” width
7
−µs
Table 5.19
TRAIO Input
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TRAIO)
TRAIO input cycle time
100
−
ns
tWH(TRAIO)
TRAIO input “H” width
40
−
ns
tWL(TRAIO)
TRAIO input “L” width
40
−
ns
XIN input
tWH(XIN)
tC(XIN)
tWL(XIN)
VCC = 5 V
TRAIO input
VCC = 5 V
tC(TRAIO)
tWL(TRAIO)
tWH(TRAIO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com