Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21272SDFP Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # R5F21272SDFP
Description  SINGLE-CHIP 16-BIT CMOS MCU
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21272SDFP Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button R5F21272SDFP Datasheet HTML 65Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 66Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 67Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 68Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 69Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 70Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 71Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 72Page - Renesas Technology Corp R5F21272SDFP Datasheet HTML 73Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
Rev.2.10
Sep 26, 2008
Page 69 of 69
REJ03B0168-0210
R8C/26 Group, R8C/27 Group
Package Dimensions
Package Dimensions
Diagrams showing the latest package dimensions and mounting information are available in the “Packages” section of
the Renesas Technology website.
2.
1.
DIMENSIONS "
*1" AND "*2"
DO NOT INCLUDE MOLD FLASH.
NOTE)
DIMENSION "
*3" DOES NOT
INCLUDE TRIM OFFSET.
y
Index mark
*3
F
32
25
24
17
16
9
8
1
*1
x
bp
e
D
HD
ZD
Detail F
L1
L
Previous Code
JEITA Package Code
RENESAS Code
PLQP0032GB-A
32P6U-A
MASS[Typ.]
0.2g
P-LQFP32-7x7-0.80
1.0
0.125
0.35
0.7
0.7
0.20
0.20
0.145
0.09
0.42
0.37
0.32
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
7.1
7.0
6.9
D
7.1
7.0
6.9
E
1.4
A2
9.2
9.0
8.8
9.2
9.0
8.8
1.7
A
0.2
0.1
0
0.7
0.5
0.3
L
x
8°
0°
c
0.8
e
0.10
y
HD
HE
A1
bp
b1
c1
ZD
ZE
L1
Terminal cross section
b1
bp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com