Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9812 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9812
Description  Multistandard VIF-PLL and FM-PLL/AM demodulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9812 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9812 Datasheet HTML 9Page - NXP Semiconductors TDA9812 Datasheet HTML 10Page - NXP Semiconductors TDA9812 Datasheet HTML 11Page - NXP Semiconductors TDA9812 Datasheet HTML 12Page - NXP Semiconductors TDA9812 Datasheet HTML 13Page - NXP Semiconductors TDA9812 Datasheet HTML 14Page - NXP Semiconductors TDA9812 Datasheet HTML 15Page - NXP Semiconductors TDA9812 Datasheet HTML 16Page - NXP Semiconductors TDA9812 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
1995 Mar 21
13
Philips Semiconductors
Preliminary specification
Multistandard VIF-PLL and
FM-PLL/AM demodulator
TDA9812
PSRR
power supply ripple rejection at
pin 10
video signal; grey level;
see Fig.16
B/G standard
25
28
−
dB
L standard
20
23
−
dB
VIF-AFC detector (pin 28)
I28
charging current
B/G and L standard;
note 10
0.75
1
1.25
mA
additional charging current
L standard in event of
missing VITS pulses and
no white video content
1.9
2.5
3.1
µA
discharging current
B/G standard
15
20
25
µA
normal mode L
225
300
375
nA
fast mode L
30
40
50
µA
tresp
AGC response to an increasing
VIF step
B/G and L standard;
note 13
−
0.05
0.1
ms/dB
AGC response to a decreasing
VIF step
B/G standard
−
2.2
3.5
ms/dB
fast mode L
−
1.1
1.8
ms/dB
normal mode L; note 13
−
150
240
ms/dB
∆IF
VIF amplitude step for activating
fast AGC mode
L standard
−2
−6
−10
dB
V3
threshold voltage level
additional charging current
see Fig.13
L standard
−
1.95
−
V
L standard; fast mode L
−
1.65
−
V
Tuner AGC (pin 19)
Vi(rms)
IF input signal voltage for
minimum starting point of tuner
take-over (RMS value)
input at pins 1 and 2;
RTOP =22kΩ;
I19 = 0.4 mA
−
25mV
IF input signal voltage for
maximum starting point of tuner
take-over (RMS value)
input at pins 1 and 2;
RTOP =0 Ω; I19 = 0.4 mA
50
100
5
mV
V19
permissible output voltage
from external source;
note 2
−−
13.2
V
saturation voltage
I19 = 1.5 mA
−−
0.2
V
∆V19
variation of take-over point by
temperature
I19 = 0.4 mA
−
0.03
0.07
dB/K
I19(sink)
sink current
no tuner gain reduction;
see Figs 5 and 6
V19 =12V
−−
2.5
µA
V19 = 13.2 V
−−
5
µA
maximum tuner gain
reduction
1.5
2
2.6
mA
∆GIF
IF slip by automatic gain control
tuner gain current from
20 to 80%
−
68dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com